Electronic Components Datasheet Search
  English  ▼

X  

OMIT Datasheet(PDF) 3 Page - Texas Instruments

Part # OMIT
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMIT Datasheet(HTML) 3 Page - Texas Instruments

  OMIT Datasheet HTML 1Page - Texas Instruments OMIT Datasheet HTML 2Page - Texas Instruments OMIT Datasheet HTML 3Page - Texas Instruments OMIT Datasheet HTML 4Page - Texas Instruments OMIT Datasheet HTML 5Page - Texas Instruments OMIT Datasheet HTML 6Page - Texas Instruments OMIT Datasheet HTML 7Page - Texas Instruments OMIT Datasheet HTML 8Page - Texas Instruments OMIT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Multi-Cal-Master PCA
USB Cable
Universal Power Supply
USB DAQ Platform
www.ti.com
Overview
1
Overview
The Multi-Cal-System Evaluation Module is a set of EVMs that is used to calibrate multiple PGA308 and
PGA309 sensor modules. The PGA308 and PGA309 are two programmable analog sensor signal
conditioners. All components in the Multi-Cal-System can be expanded to calibrate up to 64 sensors
simultaneously. For a more detailed description of the PGA308, please refer to the product data sheet
(SBOS440) available from the Texas Instruments web site at http://www.ti.com. Additional support
documents are listed in the section of this guide entitled Related Documentation from Texas Instruments .
The Multi-Cal-System Evaluation Module consists of two printed circuit boards (PCBs). One board (the
USB DAQ Platform) generates the signals required to communicate with the Multi-Cal-System, which is
the second board (Multi-Cal-Master PCA), as well as support and configuration circuitry. The complete
Multi-Cal-System contains a series of PCBs, and can be expanded to meet your specific system
requirements.
Throughout this document, the abbreviation EVM and the term evaluation module are synonymous with
the Multi-Cal-System Evaluation Module.
1.1
Multi-Cal-System Hardware Options
Figure 1 shows the hardware included with the basic Multi-Cal-System kit. Contact the factory if any
component is missing.
Figure 1. Hardware Included with the Multi-Cal-System EVM Kit
The Multi-Cal-System EVM kit includes the following items:
•
Multi-Cal-System PCB: This board multiplexes all the communication signals, sensor module output
signals, and power.
•
USB DAQ Platform PCB: This board connects to the USB port on your computer. It generates all the
control signals and communication signals for the Multi-Cal-System.
•
USB cable: Connects your computer to the USB DAQ Platform PCB; it is an A-Male to B-Male USB
cable.
•
Universal 9V power supply: 9-V
DC, 220-V/120-V universal power source. (Adaptors are also provided
for most major countries.)
3
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com