Electronic Components Datasheet Search
  English  ▼

X  

OMIT Datasheet(PDF) 14 Page - Texas Instruments

Part # OMIT
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMIT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OMIT Datasheet HTML 10Page - Texas Instruments OMIT Datasheet HTML 11Page - Texas Instruments OMIT Datasheet HTML 12Page - Texas Instruments OMIT Datasheet HTML 13Page - Texas Instruments OMIT Datasheet HTML 14Page - Texas Instruments OMIT Datasheet HTML 15Page - Texas Instruments OMIT Datasheet HTML 16Page - Texas Instruments OMIT Datasheet HTML 17Page - Texas Instruments OMIT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Starter System Setup
www.ti.com
Table 3. Mode Jumpers on the Multi-Cal-Test PCA (continued)
Mode
Jumper Positions
3-Wire Voltage Output
JMP1 = Vto1
JMP2 = Vto1
JMP3 = Position without label
JMP4 = Position without label
JMP5 = Position without label
JMP6 = Position without label
JMP7 = Position without label
Table 4. Jumper Bank Functions on the Multi-Cal-Test PCA
Jumper Banks
Function
HIGH1 = 0 mV
Place the jumper shorting unit on one of these five
HIGH2 = 3 mV
positions. This jumper bank determines the
HIGH3 = 12 mV
sensor-emulator output when the switch (SW1) is in the
HIGH4 = 51 mV
HIGH position. The output of the sensor emulator is the
HIGH5 = 98 mV
input to the PGA308.
For example, when the shorting unit is in the HIGH2
position, the PGA308 input signal is 3 mV.
LOW1 = 0 mV
Place the jumper shorting unit on one of these five
LOW2 = 1 mV
positions. This jumper bank determines the
LOW3 = 6 mV
sensor-emulator output when the switch (SW1) is in the
LOW4 = 30 mV
LOW position. The output of the sensor emulator is the
LOW5 = 81 mV
input to the PGA308.
For example, when the shorting unit is in the LOW3
position, the PGA308 input signal is 6 mV.
Figure 13 shows how to connect the Multi-Cal-Test PCA to the Multi-Cal-Interface PCA. The
Multi-Cal-Test PCA demonstrates the capability of the Multi-Cal-System. You can test the accuracy and
repeatability of programmed modules using the Multi-Cal-Test PCA. The Multi-Cal-Test PCA is also
helpful in learning how to use the system. Another purpose for the Multi-Cal-Test PCA is to verify that your
system is fully functional before testing your product.
Figure 13. Connect Multi-Cal-Test PCA Card to Multi-Cal-Interface PCA Card
14
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com