Electronic Components Datasheet Search
  English  ▼

X  

FPF3003 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FPF3003
Description  IntelliMAX??Full Functional Input Power Path Management Switch for Dual-Battery Portable System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF3003 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPF3003 Datasheet HTML 1Page - Fairchild Semiconductor FPF3003 Datasheet HTML 2Page - Fairchild Semiconductor FPF3003 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
July 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF3003 • Rev. 1.0.0
FPF3003
IntelliMAX™ Full Functional Input Power Path
Management Switch for Dual-Battery Portable System
Features
2.3V to 5.5V Input Voltage Operating Range
Low RON between Battery and Load
Maximum 50mΩ at VIN = 4.2V
Low RON between Charger and Battery
Maximum 125mΩ at VIN = 4.2V
Maximum DC Current for Load Switch: 2.5A
Maximum DC Current for Charge Switch: 1.5A
Slew Rate Controlled to 30µs Nominal Rise Time
Seamless Break-Before-Make Transition
Quiescent Current: 30µA Typical
Thermal Shutdown
Reverse Current Blocking (RCB) between Battery A
and Battery B
RESET Timer Delay: 7s Typical
ESD Protected:
-
Human Body Model: >2.5kV
-
Charged Device Model: >1.5kV
-
IEC 61000-4-2 Air Discharge: >15kV
-
IEC 61000-4-2 Contact Discharge: >8kV
1.6mm X 1.6mm, 16-Bump, 0.4mm Pitch, WLCSP
Applications
Dual-Battery Cell phone
Dual-Battery Portable Equipment
Description
The FPF3003 is a single-chip solution for dual-battery
power-path switching, including integrated P-channel
switches and analog control features. The input voltage
range operates from 2.3V to 5.5V. The device selects
one of two batteries to provide power to the system,
enabling one battery to be charged by the external
battery charger.
The FPF3003 has battery voltage monitoring to
determine if the battery is under voltage. Special driver
and digital circuitry allows the device to switch quickly
between battery A and battery B, which allows hot
swapping of battery packs. Maximum current from
battery to load per channel is limited to a constant 2.5A
and internal thermal shutdown circuits protect the part
during fault conditions.
The FPF3003 is available in a 1.6mm x 1.6mm,
16-bump, Wafer-Level Chip-Scale Package (WLCSP).
Ordering Information
Part Number Top Mark
(Charger-Battery)
Max. RON at 4.2VIN
(Battery-Load)
Max. RON at 4.2VIN
Typical
tR
Package
FPF3003UCX
QW
125mΩ
50mΩ
30µs
16-Bump, 0.4mm Pitch,
1.6mm x 1.6mm WLCSP


Similar Part No. - FPF3003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF3040 FAIRCHILD-FPF3040 Datasheet
2Mb / 12P
IntelliMAX??20 V-Rated Dual Input Single Output Power-Source-Selector Switch
logo
ON Semiconductor
FPF3040 ONSEMI-FPF3040 Datasheet
1Mb / 15P
18 V-Rated Dual Input Single Output Power-Source-Selector Switch
November 2014 Rev. 2.4.3
logo
Fairchild Semiconductor
FPF3040UCX FAIRCHILD-FPF3040UCX Datasheet
947Kb / 4P
IntelliMAX 20 V-Rated Dual Input Single Output Power-Source-Selector Switch
logo
ON Semiconductor
FPF3040UCX ONSEMI-FPF3040UCX Datasheet
1Mb / 15P
18 V-Rated Dual Input Single Output Power-Source-Selector Switch
November 2014 Rev. 2.4.3
FPF3042 ONSEMI-FPF3042 Datasheet
998Kb / 16P
18 V-Rated, Dual-Input, Single-Output, Power-Source-Selector Switch
April 2017 Rev. 1.0.1
More results

Similar Description - FPF3003

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Texas Instruments
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
logo
Monolithic Power System...
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
Power-Path Management
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com