Electronic Components Datasheet Search
  English  ▼

X  

FPF3003 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF3003
Description  IntelliMAX??Full Functional Input Power Path Management Switch for Dual-Battery Portable System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF3003 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF3003 Datasheet HTML 1Page - Fairchild Semiconductor FPF3003 Datasheet HTML 2Page - Fairchild Semiconductor FPF3003 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF3003 • Rev. 1.0.0
16
Packaging Information
Figure 38. 1.6mmx1.6mm WLCSP, 16-Bumps 0.4mm Pitch
Product-Specific Dimensions
Product
D
E
X
Y
FPF3003UCX
1560μm ±30μm
1560μm ±30μm
180μm
180μm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
SIDE VIEWS
TOP VIEW
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
1 2 3 4
A
B
C
D
SEATING
PLANE
16X
A1
0.005
CA B
F
(NSMD PAD TYPE)
Ø0.260±0.02
0.40
0.40
(X) ±0.018
(Y) ±0.018
0.625
0.547
0.06 C
0.05 C
E
D
F
0.378±0.018
0.208±0.021
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASME Y14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 586 MICRONS
±39 MICRONS (547-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC016AArev2.
0.03 C
2X
0.03 C
2X
E
D
B
C
A
0.40
0.40
(Ø0.20)
Cu Pad
(Ø0.30) Solder
Mask Opening



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com