Electronic Components Datasheet Search
  English  ▼

X  

LM7815ACT Datasheet(PDF) 21 Page - Fairchild Semiconductor

Part # LM7815ACT
Description  3-Terminal 1A Positive Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7815ACT Datasheet(HTML) 21 Page - Fairchild Semiconductor

Back Button LM7815ACT_12 Datasheet HTML 17Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 18Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 19Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 20Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 21Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 22Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 23Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 24Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 25Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.2
Typical Performance Characteristics
Figure 3. Quiescent Current
Figure 4. Peak Output Current
Figure 5. Output Voltage
Figure 6. Quiescent Current
6
5.75
5.5
5.25
5
4.75
4.5
V
I = 10V
V
O = 5V
I
O = 5mA
-25
-50
0
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
3
2.5
2
1.5
1
.5
0
T
J = 25°C
∆V
O = 100mV
510
15
20
2530
35
INPUT-OUTPUT DIFFERENTIAL (V)
1.02
1.01
1
0.99
0.98
V
I – VO = 5V
I
O = 5mA
-25
-50
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
7
6.5
6
5.5
5
4.5
4
T
J = 25°C
V
O = 5V
I
O = 10mA
10
515
20
25
30
35
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com