Electronic Components Datasheet Search
  English  ▼

X  

LM7815ACT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # LM7815ACT
Description  3-Terminal 1A Positive Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7815ACT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  LM7815ACT_12 Datasheet HTML 1Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 2Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 3Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 4Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 5Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 6Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 7Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 8Page - Fairchild Semiconductor LM7815ACT_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.2
Electrical Characteristics (LM7806) (Continued)
Refer to the test circuits. -40°C
< TJ < 125°C, IO = 500mA, VI = 11V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
4. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
5.75
6.0
6.25
V
5mA
≤ IO ≤ 1A, PO ≤ 15W,
VI = 8.0V to 21V
5.7
6.0
6.3
Regline
Line Regulation(3)
TJ = +25°C
VI = 8V to 25V
–
5.0
120
mV
VI = 9V to 13V
–
1.5
60.0
Regload
Load Regulation(3)
TJ = +25°C
IO = 5mA to 1.5A
–
9.0
120
mV
IO = 250mA to 750mA
–
3.0
60.0
IQ
Quiescent Current
TJ = +25°C
–
5.0
8.0
mA
∆IQ
Quiescent Current
Change
IO = 5mA to 1A
–
–
0.5
mA
VI = 8V to 25V
–
–
1.3
∆VO/∆T Output Voltage Drift(4)
IO = 5mA
–
-0.8
–
mV/°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C
–
45.0
–
µV/VO
RR
Ripple Rejection(4)
f = 120Hz, VO = 8V to 18V
62.0
73.0
–
dB
VDROP
Dropout Voltage
IO = 1A, TJ = +25°C
–
2.0
–
V
rO
Output Resistance(4)
f = 1kHz
–
19.0
–
m
Ω
ISC
Short Circuit Current
VI = 35V, TA = +25°C
–
250
–
mA
IPK
Peak Current(4)
TJ = +25°C
–
2.2
–
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com