Electronic Components Datasheet Search
  English  ▼

X  

RT2652 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT2652
Description  2A, 1.2MHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2652 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT2652 Datasheet HTML 1Page - Richtek Technology Corporation RT2652 Datasheet HTML 2Page - Richtek Technology Corporation RT2652 Datasheet HTML 3Page - Richtek Technology Corporation RT2652 Datasheet HTML 4Page - Richtek Technology Corporation RT2652 Datasheet HTML 5Page - Richtek Technology Corporation RT2652 Datasheet HTML 6Page - Richtek Technology Corporation RT2652 Datasheet HTML 7Page - Richtek Technology Corporation RT2652 Datasheet HTML 8Page - Richtek Technology Corporation RT2652 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT2652
®
DS2652-00
November 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2A, 1.2MHz Synchronous Step-Down Converter
Features
High Efficiency : Up to 95%
Fixed Frequency : 1.2MHz
No Schottky Diode Required
Internal Compensation
0.6V Reference Allows Low Output Voltage
100% Duty Cycle for Low Dropout Operation
OCP, UVP, OTP
RoHS Compliant and Halogen Free
Applications
Enterprise Servers
Ethernet Switches & Routers
Global Storage
Telecom & Industrial
Cell Phones & DSC's
General Description
The RT2652 is a high efficiency synchronous, step-down
DC/DC converter. The available input voltage range is from
2.7V to 5.5V the regulated output voltage is adjustable
from 0.6V to VIN while delivering up to 2A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The switching frequency is
fixed internally at 1.2MHz. The 100% duty cycle provides
low dropout operation extending battery life in portable
systems. Current mode operation with internal
compensation allows the transient response to be
optimized. The RT2652 is available in the WDFN-10L 3x3
package.
Simplified Application Circuit
Marking Information
0K=YM
DNN
0K= : Product Code
YMDNN : Date Code
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT2652
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT2652
PGND
VIN
VIN
VOUT
AGND
LX
FB
EN
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
EN
VIN
FB
AGND
PGND
PGND
LX
AGND
LX
VIN
9
8
7
1
2
3
4
5
10
6
11


Similar Part No. - RT2652

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT26 ADAM-TECH-RT26 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT26 ADAM-TECH-RT26 Datasheet
156Kb / 2P
RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Bourns Electronic Solut...
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
logo
Marktech Corporate
RT260-20 MARKTECH-RT260-20 Datasheet
387Kb / 6P
Gen III LEDs
RT260-20 MARKTECH-RT260-20_15 Datasheet
387Kb / 6P
Gen III LEDs
More results

Similar Description - RT2652

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com