Electronic Components Datasheet Search
  English  ▼

X  

RT2652 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2652
Description  2A, 1.2MHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2652 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2652 Datasheet HTML 1Page - Richtek Technology Corporation RT2652 Datasheet HTML 2Page - Richtek Technology Corporation RT2652 Datasheet HTML 3Page - Richtek Technology Corporation RT2652 Datasheet HTML 4Page - Richtek Technology Corporation RT2652 Datasheet HTML 5Page - Richtek Technology Corporation RT2652 Datasheet HTML 6Page - Richtek Technology Corporation RT2652 Datasheet HTML 7Page - Richtek Technology Corporation RT2652 Datasheet HTML 8Page - Richtek Technology Corporation RT2652 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT2652
2
DS2652-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Enable Control Input. Pull high to turn on. Do not float.
2, 3
VIN
Power Input. Decouple this pin to GND with a 22
μF ceramic capacitor at least.
4, 6
AGND
Analog Ground.
5
FB
Feedback Voltage Input. This pin receives the feedback voltage from an external
resistive divider connected across the output.
7, 8
LX
Power MOSFET Switch Node. Connect this pin to the inductor.
9, 10,
11 (Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Operation
The RT2652 is a monolithic, constant-frequency, current
mode step-down DC/DC converter. During normal
operation, the internal high side MOSFET is turned on at
the beginning of each cycle. Current in the inductor
increases until the peak inductor current reaches the value
defined by the internal error amplifier. The error amplifier
adjusts the voltage of its output by comparing the feedback
signal from a resistor divider on the FB pin with an internal
0.6V reference. When the load current increases, it causes
a reduction in the feedback voltage relative to the reference.
The error amplifier raises its output voltage until the average
inductor current matches the new load current. When the
high side MOSFET turns off, the synchronous power
switch (N-MOSFET) turns on until either the bottom current
limit is reached or the beginning of the next cycle. The
operating frequency is set by the internal oscillator at
1.2MHz. In VIN larger than 6V condition, the high side
MOSFET is turned off and the low side MOSFET is
switched on until either the VIN over voltage condition is
cleared or the low side MOSFET's current limit is reached.
In FB larger than 1.05V condition, the high side MOSFET
turns off, and the low side MOSFET turns on, and IC is
latched until restarted.
Driver
Control Logic
LX
PGND
OSC
Slope
Comp.
EN
FB
Output
Clamp
VIN
EN
N-MOSFET Limit
NISEN
ISEN
OC Limit
0.6V
SS
EA
UV
0.2V
POR
OTP
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com