Electronic Components Datasheet Search
  English  ▼

X  

RT8205L Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8205L
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205L Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8205L Datasheet HTML 1Page - Richtek Technology Corporation RT8205L Datasheet HTML 2Page - Richtek Technology Corporation RT8205L Datasheet HTML 3Page - Richtek Technology Corporation RT8205L Datasheet HTML 4Page - Richtek Technology Corporation RT8205L Datasheet HTML 5Page - Richtek Technology Corporation RT8205L Datasheet HTML 6Page - Richtek Technology Corporation RT8205L Datasheet HTML 7Page - Richtek Technology Corporation RT8205L Datasheet HTML 8Page - Richtek Technology Corporation RT8205L Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT8205L/M
1
DS8205L/M-05 June 2011
www.richtek.com
Applications
Notebook and Sub-Notebook Computers
3-Cell and 4-Cell Li+ Battery-Powered Devices
High Efficiency, Main Power Supply Controller
for Notebook Computer
General Description
The RT8205L/M is a dual step-down, switch mode power
supply controller generating logic-supply voltages in
battery powered systems. It includes two Pulse-Width
Modulation (PWM) controllers adjustable from 2V to 5.5V,
and also features fixed 5V/3.3V linear regulators. Each
linear regulator provides up to 100mA output current with
automatic linear regulator bootstrapping to the PWM
outputs. An optional external charge pump can be
monitored through SECFB (RT8205M). The RT8205L/M
includes on-board power up sequencing, a power good
output, internal soft-start, and internal soft-discharge
output that prevents negative voltage during shutdown.
The constant on-time PWM control scheme operates
without sense resistors and provides 100ns response to
load transient response while maintaining nearly constant
switching frequency. To eliminate noise in audio
applications, an ultrasonic mode is included, which
maintains the switching frequency above 25kHz. Moreover,
the diode-emulation mode maximizes efficiency for light
load applications. The RT8205L/M is available in a
WQFN-24L 4x4 package.
Features
Constant On-time Control with 100ns Load Step
Response
Wide Input Voltage Range : 6V to 25V
Dual Adjustable Outputs from 2V to 5.5V
Secondary Feedback Input Maintains Charge Pump
Voltage (RT8205M)
Fixed 3.3V and 5V LDO Output : 100mA
2V Reference Voltage
Frequency Selectable via TONSEL Setting
4700ppm/
°°°°°C RDS(ON) Current Sensing
Programmable Current Limit Combined with
Enable Control
Selectable PWM, DEM, or Ultrasonic Mode
Internal Soft-Start and Soft-Discharge
High Efficiency up to 97%
5mW Quiescent Power Dissipation
Thermal Shutdown
RoHS Compliant and Halogen Free
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WQFN-24L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT8205
Pin Function
L : Default
M : With SECFB


Similar Part No. - RT8205L

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8205 RICHTEK-RT8205 Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205AGQW RICHTEK-RT8205AGQW Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205B RICHTEK-RT8205B Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205BGQW RICHTEK-RT8205BGQW Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8205L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com