Electronic Components Datasheet Search
  English  ▼

X  

RT8205L Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8205L
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205L Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8205L Datasheet HTML 18Page - Richtek Technology Corporation RT8205L Datasheet HTML 19Page - Richtek Technology Corporation RT8205L Datasheet HTML 20Page - Richtek Technology Corporation RT8205L Datasheet HTML 21Page - Richtek Technology Corporation RT8205L Datasheet HTML 22Page - Richtek Technology Corporation RT8205L Datasheet HTML 23Page - Richtek Technology Corporation RT8205L Datasheet HTML 24Page - Richtek Technology Corporation RT8205L Datasheet HTML 25Page - Richtek Technology Corporation RT8205L Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
RT8205L/M
22
DS8205L/M-05 June 2011
www.richtek.com
(a). Start-Up at the Same Time
(b). Delay Start Mode
Figure 5. Time Diagrams of Power Sequence
Table 2. Operation Mode Truth Table
Mode
Condition
Comment
Power UP
VREGX < UVLO threshold
Transitions to discharge mode after a VIN POR and after
REF becomes valid. VREG5, VREG3, and REF remain
active.
RUN
EN = high, VOUT1 or VOUT2
enabled
Normal Operation.
Over Voltage
Protection
Either output > 111% of the nominal
level.
LGATEx is forced high. VREG3, VREG5 and REF active.
Exited by VIN POR or by toggling EN, ENTRIPx
Under
Voltage
Protection
Either output < 52% of the nominal
level after 3ms time out expires and
output is enabled
Both UGATEx and LGATEx are forced low and enter
discharge mode. VREG3, VREG5 and REF are active.
Exited by VIN POR or by toggling EN, ENTRIPx
Discharge
Either SMPS output is still high in
either standby mode or shutdown
mode
During discharge mode, there is one path to discharge the
outputs capacitor residual charge. That is output capacitor
discharge to GND through an internal switch.
Standby
ENTRIPx < startup threshold,
EN = high.
VREG3, VREG5 and REF are active.
Shutdown
EN = low
All circuitry off.
Thermal
Shutdown
TJ > 150°C
All circuitry off. Exit by VIN POR or by toggling EN, ENTRIPx
VENTRIPx
VENTRIPy
< 60µs
VOUTx
VOUTy
0.515V
0.515V
VOUTx
> 60µs
0.515V
0.515V
VOUTy
2ms
VENTRIPx
VENTRIPy
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com