Electronic Components Datasheet Search
  English  ▼

X  

RT8205M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8205M
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8205M Datasheet HTML 7Page - Richtek Technology Corporation RT8205M Datasheet HTML 8Page - Richtek Technology Corporation RT8205M Datasheet HTML 9Page - Richtek Technology Corporation RT8205M Datasheet HTML 10Page - Richtek Technology Corporation RT8205M Datasheet HTML 11Page - Richtek Technology Corporation RT8205M Datasheet HTML 12Page - Richtek Technology Corporation RT8205M Datasheet HTML 13Page - Richtek Technology Corporation RT8205M Datasheet HTML 14Page - Richtek Technology Corporation RT8205M Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RT8205L/M
11
DS8205L/M-05 June 2011
www.richtek.com
Typical Operating Characteristics
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 8V, TONSEL = GND, VENTRIP1 = 1.5V,
ENTRIP2 =GND, EN= FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, TONSEL = GND,
VENTRIP1 = 1.5V, ENTRIP2 = GND,
EN= FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 20V, TONSEL = GND,
VENTRIP1 = 1.5V, ENTRIP2 = GND,
EN= FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1110
Load Current (A)
VIN = 8V, TONSEL = GND,
ENTRIP1 = GND, VENTRIP2 = 1.5V,
EN= FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, TONSEL = GND,
ENTRIP1 = GND, VENTRIP2 = 1.5V,
EN= FLOATING
DEM Mode
Ultrasonic Mode
PWM Mode
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 20V, TONSEL = GND,
ENTRIP1 = GND, VENTRIP2 = 1.5V,
EN= FLOATING
DEM Mode
Ultrasonic
Mode
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com