Electronic Components Datasheet Search
  English  ▼

X  

RT8205M Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8205M
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205M Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8205M Datasheet HTML 15Page - Richtek Technology Corporation RT8205M Datasheet HTML 16Page - Richtek Technology Corporation RT8205M Datasheet HTML 17Page - Richtek Technology Corporation RT8205M Datasheet HTML 18Page - Richtek Technology Corporation RT8205M Datasheet HTML 19Page - Richtek Technology Corporation RT8205M Datasheet HTML 20Page - Richtek Technology Corporation RT8205M Datasheet HTML 21Page - Richtek Technology Corporation RT8205M Datasheet HTML 22Page - Richtek Technology Corporation RT8205M Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
RT8205L/M
19
DS8205L/M-05 June 2011
www.richtek.com
ILIMx
ILIMx
ILIMx
DS(ON)
V(R
10 A)/10 I
R
μ
=×
=
×
/
ILIMx
ILIMx
DS(ON)
R(I
R
) 10 10 A
μ
=×
×
Carefully observe the PC board layout guidelines to
ensures that noise and DC errors do not corrupt the current
sense signal at PHASEx and GND. Mount or place the IC
close to the low side MOSFET.
Charge Pump (SECFB)
The external 14V charge pump is driven by LGATEx (Figure
3). When LGATEx is low, C1 will be charged by D1 from
VOUT1. C1 voltage is equal to VOUT1 minus a diode drop.
When LGATEx transitions to high, the charges from C1
will transfer to C2 through D2 and charge it to VLGATEX plus
VC1. As LGATEx transitions low on the next cycle, C2
will charge C3 to its voltage minus a diode drop through
Figure 2. “ Valley” Current Limit
The RT8205L/M uses the on resistance of the synchronous
rectifier as the current sense element and supports
temperature compensated MOSFET RDS(ON) sensing. The
RILIMx resistor between the ENTRIPx pin and GND sets
the current limit threshold. The resistor RILIMx is connected
to a current source from ENTRIPx, which is typically10
μA
at room temperature. The current source has a 4700ppm/
°C temperature slope to compensate the temperature
dependency of the RDS(ON). When the voltage drop across
the sense resistor or low side MOSFET equals 1/10 the
voltage across the RILIMx resistor, positive current limit
will be activated. The high side MOSFET will not be turned
on until the voltage drop across the MOSFET falls below
1/10 the voltage across the RILIMx resistor.
Choose a current limit resistor by following equation :
gate driver waveform to become the complement of the
high side gate driver waveform. This in turn causes the
inductor current to reverse at light loads as the PWM loop
to maintain a duty ratio of VOUT/VIN. The benefit of forced
CCM mode is to keep the switching frequency fairly
constant, but it comes at a cost. The no-load battery
current can be from 10mA to 40mA, depending on the
external MOSFETs.
Reference and Linear Regulators (REF, VREGx)
The 2V reference (REF) is accurate within
±1% over the
entire operating temperature range, making REF useful
as a precision system reference. Bypass REF to GND
with a minimum 0.22
μF ceramic capacitor. REF can supply
up to 100
μA for external loads. Loading REF reduces the
VOUTx output voltage slightly because of the reference
load regulation error.
The RT8205L/M includes 5V (VREG5) and 3.3V (VREG3)
linear regulators. The VREG5 regulator supplies a total of
100mA for internal and external loads, including the
MOSFET gate driver and PWM controller. The VREG3
regulator supplies up to 100mA for external loads. Bypass
VREG5 and VREG3 with a minimum 4.7
μF ceramic
capacitor.
When the 5V main output voltage is above the VREG5
switchover threshold (4.75V), an internal 1.5
Ω P- MOSFET
switch connects VOUT1 to VREG5, while simultaneously
shutting down the VREG5 linear regulator. Similarly, when
the 3.3V main output voltage is above the VREG3
switchover threshold (3.125V), an internal 1.5
Ω
P-MOSFET switch connects VOUT2 to VREG3, while
simultaneously shutting down the VREG3 linear regulator.
It can decrease the power dissipation from the same
battery, because the converted efficiency of SMPS is
better than the converted efficiency of the linear regulator.
Current Limit Setting (ENTRIPx)
The RT8205L/M has a cycle-by-cycle current limit control.
The current limit circuit employs an unique “Valley” current
sensing algorithm. If the magnitude of the current sense
signal at PHASEx is above the current limit threshold,
the PWM is not allowed to initiate a new cycle (Figure 2).
The actual peak current is greater than the current limit
threshold by an amount equal to the inductor ripple current.
Therefore, the exact current limit characteristic and
maximum load capability are functions of the sense
resistance, inductor value, and battery and output voltage.
IL
t
0
IL, peak
ILIM
ILoad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com