Electronic Components Datasheet Search
  English  ▼

X  

SLD1138VL Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD1138VL
Description  650nm Multimode Red Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1138VL Datasheet(HTML) 4 Page - Sony Corporation

  SLD1138VL Datasheet HTML 1Page - Sony Corporation SLD1138VL Datasheet HTML 2Page - Sony Corporation SLD1138VL Datasheet HTML 3Page - Sony Corporation SLD1138VL Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
– 4 –
SLD1138VL
Sony Corporation
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
Reference
Slot
1.0
0.5
φ5.6 – 0.025
0
φ4.4 MAX
φ3.7 MAX
φ1.0 MIN
0.5 MIN
Window Glass
Reference
Plane
LD Chip
& Photo
Diode
23 1
3 –
φ0.45
PCD
φ2.0
∗Optical
Distance = 1.35 ± 0.08
1
2
3
M-274
PACKAGE MASS
0.3g
M-274



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com