Electronic Components Datasheet Search
  English  ▼

X  

SLD1138VL Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD1138VL
Description  650nm Multimode Red Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1138VL Datasheet(HTML) 1 Page - Sony Corporation

  SLD1138VL Datasheet HTML 1Page - Sony Corporation SLD1138VL Datasheet HTML 2Page - Sony Corporation SLD1138VL Datasheet HTML 3Page - Sony Corporation SLD1138VL Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
– 1 –
E01405-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convery any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD1138VL
M-274
650nm Multimode Red Laser Diode
Description
The SLD1138VL is a longitudinal multimode red
laser diode designed for DVD systems.
Features
• Low operation current (50mA typ.)
• Small package (
φ5.6mm)
• Longitudinal multimode
Applications
DVD
Structure
• AlGaInP MQW laser diode
• PIN photodiode to monitor laser beam output
Recommended Optical Power Output
4mW
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Pomax
5
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–40 to +85
°C
Connection Diagram
Pin Configuration
2
Bottom View
1
3
1. LD anode
2. PD anode
3. Common
1
2
3
Common
LD
PD


Similar Part No. - SLD1138VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
More results

Similar Description - SLD1138VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1134VL SONY-SLD1134VL Datasheet
260Kb / 6P
650nm Pulsation Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
650nm Index-Guided Red Laser Diode
logo
Rohm
RLD65MZT7 ROHM-RLD65MZT7 Datasheet
712Kb / 9P
650nm Red Single Mode Laser Diode
RLD65NZX1 ROHM-RLD65NZX1 Datasheet
1Mb / 9P
650nm Red Single Mode Laser Diode
RLD65NZX2 ROHM-RLD65NZX2 Datasheet
713Kb / 9P
650nm Red Single Mode Laser Diode
RLD65PZX2 ROHM-RLD65PZX2 Datasheet
714Kb / 9P
650nm Red Single Mode Laser Diode
RLD65PZX3 ROHM-RLD65PZX3 Datasheet
711Kb / 9P
650nm Red Single Mode Laser Diode
RLD65NZN5 ROHM-RLD65NZN5 Datasheet
930Kb / 9P
650nm Red Single Mode Laser Diode
2023.6 - Rev.002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com