Electronic Components Datasheet Search
  English  ▼

X  

RT8223P Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8223P
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223P Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8223P Datasheet HTML 1Page - Richtek Technology Corporation RT8223P Datasheet HTML 2Page - Richtek Technology Corporation RT8223P Datasheet HTML 3Page - Richtek Technology Corporation RT8223P Datasheet HTML 4Page - Richtek Technology Corporation RT8223P Datasheet HTML 5Page - Richtek Technology Corporation RT8223P Datasheet HTML 6Page - Richtek Technology Corporation RT8223P Datasheet HTML 7Page - Richtek Technology Corporation RT8223P Datasheet HTML 8Page - Richtek Technology Corporation RT8223P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RT8223P
3
DS8223P-01
June 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
9
BOOT2
Boost Flying Capacitor Connection for SMPS2. Connect to an external capacitor
according to the typical application circuits.
10
UGATE2
Upper Gate Driver Output for SMPS2. UGATE2 swings between PHASE2 and
BOOT2.
11
PHASE2
Switch Node for SMPS2. PHASE2 is the internal lower supply rail for the
UGATE2 high side gate driver. PHASE2 is also the current-sense input for the
SMPS2.
12
LGATE2
Lower Gate Driver Output for SMPS2. LGATE2 swings between GND and
VREG5.
13
EN
Master Enable Input. The REF/VREG5/VREG3 are enabled if it is within logic
high level and disabled if it is less than the logic low level.
14
SKIPSEL
Operation Mode Selectable Input.
Connect to VREG5 or VREG3 : Ultrasonic Mode
Connect to REF : PWM Mode
Connect to GND : DEM Mode
16
VIN
Supply Input for 5V/3.3V LDO and Feed Forward On-Time circuitry.
17
VREG5
5V Linear Regulator Output. VREG5 is also the supply voltage for the lower gate
driver and analog supply voltage for the device.
18
ENC
SMPS Enable Input. Pull up to VREG3 or VREG5 to turn on both switch channels.
Short to GND to shutdown them.
19
LGATE1
Lower Gate Driver Output for SMPS1. LGATE1 swings between GND and
VREG5.
20
PHASE1
Switch Node for SMPS1. PHASE1 is the internal lower supply rail for the
UGATE1 high side gate driver. PHASE1 is also the current-sense input for the
SMPS1.
21
UGATE1
Upper Gate Driver Output for SMPS1. UGATE1 swings between PHASE1 and
BOOT1.
22
BOOT1
Boost Flying Capacitor Connection for SMPS1. Connect to an external capacitor
according to the typical application circuits.
23
PGOOD
Power Good Output for Channel 1 and Channel 2. (Logical AND).
24
VOUT1
Bypass Pin for SMPS1. Connect to the SMPS1 output to bypass efficient power
for VREG5 pin. VOUT1 is also for the SMPS1 output soft-discharge.
15, 25
(Exposed Pad)
GND
Ground for SMPS Controller. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com