Electronic Components Datasheet Search
  English  ▼

X  

RT8223M Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8223M
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223M Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8223M Datasheet HTML 9Page - Richtek Technology Corporation RT8223M Datasheet HTML 10Page - Richtek Technology Corporation RT8223M Datasheet HTML 11Page - Richtek Technology Corporation RT8223M Datasheet HTML 12Page - Richtek Technology Corporation RT8223M Datasheet HTML 13Page - Richtek Technology Corporation RT8223M Datasheet HTML 14Page - Richtek Technology Corporation RT8223M Datasheet HTML 15Page - Richtek Technology Corporation RT8223M Datasheet HTML 16Page - Richtek Technology Corporation RT8223M Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RT8223L/M
13
DS8223L/M-04 April 2011
www.richtek.com
Battery Current vs. Input Voltage
0.1
1.0
10.0
100.0
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Input Voltage (V)
DEM Mode
Ultrasonic Mode
PWM Mode
TONSEL = GND, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 0.91V
No Load
Reference Voltage vs. Output Current
2.0000
2.0008
2.0016
2.0024
2.0032
2.0040
2.0048
2.0056
2.0064
2.0072
2.0080
-10
0
10
20
30
40
50
60
70
80
90 100
Output Current (µA)
VIN = 12V, TONSEL = GND, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 5V
VREG3 Output Voltage vs. Output Current
3.330
3.334
3.338
3.342
3.346
3.350
3.354
3.358
0
10
2030
4050
6070
Output Current (mA)
VIN = 12V, TONSEL = GND, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 5V
VREG5 Output Voltage vs. Output Current
4.970
4.976
4.982
4.988
4.994
5.000
5.006
0
2040
6080
100
Output Current (mA)
VIN = 12V, TONSEL = GND, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 5V
VOUT1 Output Voltage vs. Load Current
5.000
5.006
5.012
5.018
5.024
5.030
5.036
5.042
5.048
5.054
5.060
5.066
5.072
5.078
5.084
5.090
0.001
0.01
0.1
1
10
Load Current (A)
DEM Mode
Ultrasonic Mode
PWM Mode
VIN = 12V, TONSEL = GND, EN = FLOATING,
VENTRIP1 = 1.5V, VENTRIP2 = 5V
VOUT2 Output Voltage vs. Load Current
3.380
3.386
3.392
3.398
3.404
3.410
3.416
3.422
3.428
3.434
3.440
3.446
0.001
0.01
0.1
1
10
Load Current (A)
DEM Mode
Ultrasonic Mode
PWM Mode
VIN = 12V, TONSEL = GND, EN = FLOATING,
VENTRIP1 = 5V, VENTRIP2 = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com