Electronic Components Datasheet Search
  English  ▼

X  

RT8223M Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8223M
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223M Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8223M Datasheet HTML 16Page - Richtek Technology Corporation RT8223M Datasheet HTML 17Page - Richtek Technology Corporation RT8223M Datasheet HTML 18Page - Richtek Technology Corporation RT8223M Datasheet HTML 19Page - Richtek Technology Corporation RT8223M Datasheet HTML 20Page - Richtek Technology Corporation RT8223M Datasheet HTML 21Page - Richtek Technology Corporation RT8223M Datasheet HTML 22Page - Richtek Technology Corporation RT8223M Datasheet HTML 23Page - Richtek Technology Corporation RT8223M Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT8223L/M
21
DS8223L/M-04 April 2011
www.richtek.com
ENTRIPx or cycle VIN to reset the UVP fault latch and
restart the controller.
Thermal Protection
The RT8223L/M features thermal shutdown protection to
prevent overheat damage to the device. Thermal shutdown
occurs when the die temperature exceeds +150
°C. All
internal circuitry is inactive during thermal shutdown. The
RT8223L/M triggers thermal shutdown if VREGx is not
supplied from VOUTx, while the input voltage on VIN and
the drawing current from VREGx are too high. Even if
VREGx is supplied from VOUTx, large power dissipation
on automatic switches caused by overloading VREGx,
may also result in thermal shutdown.
Discharge Mode (Soft-Discharge)
When ENTRIPx is low and a transition to standby or
shutdown mode occurs, or the output under voltage fault
latch is set, the output discharge mode will be triggered.
During discharge mode, the output capacitors' residual
charge will be discharged to GND through an internal
switch.
Table 2. Operation Mode Truth Table
MODE
Condition
Comment
Power UP
VREGx < UVLO threshold
Transitions to discharge mode after a VIN POR and after
REF becomes valid. VREG5, VREG3, and REF remain
active.
RUN
EN = high, VOUT1 or VOUT2
enabled
Normal Operation.
Over Voltage
Protection
Either output > 111% of the nominal
level.
LGATEx is forced high. VREG3, VREG5 and REF active.
Exited by VIN POR or by toggling EN, ENTRIPx, ENC
Under
Voltage
Protection
Either output < 52% of the nominal
level after 3ms time-out expires and
output is enabled
Both UGATEx and LGATEx are forced low and enter
discharge mode. VREG3, VREG5 and REF are active.
Exited by VIN POR or by toggling EN, ENTRIPx, ENC
Discharge
Either SMPS output is still high in
either standby mode or shutdown
mode
During discharge mode, there is one path to discharge the
outputs capacitor residual charge. That is output capacitor
discharge to GND through an internal switch.
Standby
ENTRIPX<startup threshold, EN
=high.
VREG3, VREG5 and REF are active.
Shutdown
EN =low
All circuitry off.
Thermal
Shutdown
TJ > +150°C
All circuitry off. Exit by VIN POR or by toggling EN, ENTRIPx,
ENC
Shutdown Mode
The RT8223L/M SMPS1, SMPS2, VREG3 and VREG5
have independent enabling controls. Drive EN, ENTRIP1
and ENTRIP2 below the precise input falling-edge trip level
to place the RT8223L/M in its low power shutdown state.
The RT8223L/M consumes only 20
μA of input current while
in shutdown. When shutdown mode is activated, the
reference turns off. The accurate 0.4V falling-edge threshold
on the EN pin can be used to detect a specific analog
voltage level as well as to shutdown the device. Once in
shutdown, the 2.4V rising-edge threshold activates,
providing sufficient hysteresis for most applications.
Power Up Sequencing and On/Off Controls (ENC)
ENTRIP1 and ENTRIP2 control the SMPS power up
sequencing. When the RT8223L/M is in single channel
mode, ENTRIP1 or ENTRIP2 enables the respective output
when ENTRIPx voltage descends below 3V. Furthermore,
the RT8223M can also be in dual channel mode. In this
mode, outputs are enabled when ENC voltage rises above
2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com