Electronic Components Datasheet Search
  English  ▼

X  

RT8560 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 2Page - Richtek Technology Corporation RT8560 Datasheet HTML 3Page - Richtek Technology Corporation RT8560 Datasheet HTML 4Page - Richtek Technology Corporation RT8560 Datasheet HTML 5Page - Richtek Technology Corporation RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT8560
6
DS8560-01 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC1, VCC2 ------------------------------------------------------------------------------------------ 42V
SW Pin Voltage at Switching Off -------------------------------------------------------------------------------------- 65V
LED1, LED2, LED3, LED4 Pin ----------------------------------------------------------------------------------------- 25V
EN Pin Voltage ------------------------------------------------------------------------------------------------------------- 20V
RISET Pin Voltage -------------------------------------------------------------------------------------------------------- 4V
ACTL, DCTL, OVP, SS, VC Pin Voltage ----------------------------------------------------------------------------- 8V
Power Dissipation, PD @ TA = 25
°C
WQFN-20L 4x4 ------------------------------------------------------------------------------------------------------------ 1.852W
Package Thermal Resistance (Note 2)
WQFN-20L 4x4,
θJA ------------------------------------------------------------------------------------------------------- 54°C/W
WQFN-20L 4x4,
θJC ------------------------------------------------------------------------------------------------------ 7°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC1, VCC2 ---------------------------------------------------------------------------------- 7V to 40V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VCC1 = 17V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC1 UVLO Threshold
VUVLO
VCC1 Rising
--
6.2
6.5
V
Supply Current
IVCC1
VC
≤ 0.4V (Switching off)
--
4
7
mA
Shutdown Current
ISHDN
VEN ≤ 0.7V
--
12
--
μA
Logic-High Voltage VEN_H
2
--
5
EN
Threshold
Logic-Low Voltage VEN_L
--
--
0.8
V
Logic-High Voltage VACTL_H
2
--
5
ACTL
Threshold
Logic-Low Voltage VACTL_L
--
--
0.15
V
EN Pin Input Current
IEN
VEN ≤ 5V
--
--
2
μA
LED Current Programming
LED Current
ILED
2V > VLED > 0.7V, RISET = 5.36kΩ,
VACTL >1.28V
19
20
21
mA
LED´s Current Matching
2V > VLED > 0.7V, RISET = 5.36kΩ,
VACTL >1.28V, Calculating
(I(MAX) − I(MIN) / IAVERAGE x 100%)
--
--
3
%
RISET Pin Voltage
VRISET
RISET = 5.36kΩ, VACTL > 1.28V
--
1.21
--
V
Input Current of ACTL
IACTL
0.3V
≤ V
ACTL ≤ 1.2V
--
--
2
μA
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com