Electronic Components Datasheet Search
  English  ▼

X  

RT8560 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation RT8560 Datasheet HTML 13Page - Richtek Technology Corporation RT8560 Datasheet HTML 14Page - Richtek Technology Corporation RT8560 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT8560
11
DS8560-01 April 2011
www.richtek.com
OVP
Time (2.5ms/Div)
SW
(20V/Div)
VIN
(5V/Div)
VIN = 12V, All LED Pin Open
VOUT
(20V/Div)
Line Transient Response
Time (50ms/Div)
IOUT
(50mA/Div)
VIN
(5V/Div)
VIN = 10.8V to 13.2V, RISET = 4.8k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com