Electronic Components Datasheet Search
  English  ▼

X  

IR3550MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3550MPBF
Description  60A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3550MPBF Datasheet HTML 12Page - International Rectifier IR3550MPBF Datasheet HTML 13Page - International Rectifier IR3550MPBF Datasheet HTML 14Page - International Rectifier IR3550MPBF Datasheet HTML 15Page - International Rectifier IR3550MPBF Datasheet HTML 16Page - International Rectifier IR3550MPBF Datasheet HTML 17Page - International Rectifier IR3550MPBF Datasheet HTML 18Page - International Rectifier IR3550MPBF Datasheet HTML 19Page - International Rectifier IR3550MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
March 12, 2012 | FINAL DATASHEET
16
IR3550
60A Integrated PowIRstage®
If any of the application condition, i.e. input voltage,
output voltage, switching frequency, VCC MOSFET driver
voltage or inductance, is different from those of Figure 8, a
set of normalized power loss curves should be used.
Obtain the normalizing factors from Figure 10 to Figure 14
for the new application conditions; multiply these factors
by the power loss obtained from Figure 8 for the required
load current.
As an example, the power loss calculation procedures
under different conditions, VIN=10V, VOUT=1V, ƒSW = 300kHz,
VCC=5V, L=210nH, VCC=5V, IOUT=40A, TAMBIENT = 25°C, no
heat sink, and no air flow, are as follows.
1)
Determine the power loss at 40A under the default
test conditions of VIN=12V, VOUT=1.2V, ƒSW = 400kHz,
L=150nH, VCC=7V, TAMBIENT = 25°C, no heat sink, and no
air flow. It is 4.8W from Figure 8.
2)
Determine the input voltage normalizing factor with
VIN=10V, which is 0.96 based on the dashed lines in
Figure 10.
3)
Determine the output voltage normalizing factor with
VOUT=1V, which is 0.92 based on the dashed lines in
Figure 11.
4)
Determine the switching frequency normalizing factor
with ƒSW = 300kHz, which is 0.98 based on the dashed
lines in Figure 12.
5)
Determine the VCC MOSFET drive voltage normalizing
factor with VCC=5V, which is 1.16 based on the dashed
lines in Figure 13.
6)
Determine the inductance normalizing factor with
L=210nH, which is 0.95 based on the dashed lines in
Figure 14.
7)
Multiply the power loss under the default conditions
by the five normalizing factors to obtain the power
loss under the new conditions, which is 4.8W x 0.96 x
0.92 x 0.98 x 1.16 x 0.95 = 4.58W.
SAFE OPERATING AREA
Figure 9 shows the IR3550 safe operating area with the
case temperature controlled at or below 125°C. The test
conditions are VIN=12V, VOUT=1.2V, ƒSW=400kHz, L=150nH
(0.29mΩ), VCC=7V, TAMBIENT = 0°C to 90°C, no heat sink, and
Airflow = 0LFM / 100LFM / 200LFM / 400LFM.
If any of the application condition, i.e. input voltage,
output voltage, switching frequency, VCC MOSFET driver
voltage, or inductance is different from those of Figure 9, a
set of IR3550 case temperature adjustment curves should
be used. Obtain the temperature deltas from Figure 10 to
Figure 14 for the new application conditions; sum these
deltas and
then
subtract from the IR3550 case
temperature obtained from Figure 9 for the required load
current.
8)
From Figure 9, determine the highest ambient
temperature at the required load current under the
default conditions, which is 77°C at 40A with 0LFM
airflow and the IR3550 case temperature of 125°C.
9)
Determine the case temperature with VIN=10V, which
is -0.6° based on the dashed lines in Figure 10.
10) Determine the case temperature with VOUT=1V, which
is -1.2° based on the dashed lines in Figure 11.
11) Determine the case temperature with ƒSW = 300kHz,
which is -0.3° based on the dashed lines in Figure 12.
12) Determine the case temperature with VCC = 5V, which
is +2.4° based on the dashed lines in Figure 13.
13) Determine the case temperature with L=210nH, which
is -0.8° based on the dashed lines in Figure 14.
14) Sum the case temperature adjustment from 9) to 13),
-0.6° -1.2° -0.3° +2.4° -0.8° = -0.5°. Deduct the delta
from the highest ambient temperature in step 8), 77°C
- (-0.5°C) = 77.5°C.
INDUCTOR CURRENT SENSING CAPACITOR CCS
AND RESISTOR RCS
If the IR3550 is used with inductor DCR sensing, care must
be taken in the printed circuit board layout to make a
Kelvin connection across the inductor DCR. The DC
resistance of the inductor is utilized to sense the inductor
current. Usually the resistor RCS and capacitor CCS in parallel
with the inductor are chosen to match the time constant of
the inductor, and therefore the voltage across the
capacitor CCS represents the inductor current.
Measure the inductance L and the inductor DC resistance
RL. Pre-select the capacitor CCS and calculate RCS as follows.
CS
L
CS
C
R
L
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com