Electronic Components Datasheet Search
  English  ▼

X  

IR3550MPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3550MPBF
Description  60A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550MPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3550MPBF Datasheet HTML 2Page - International Rectifier IR3550MPBF Datasheet HTML 3Page - International Rectifier IR3550MPBF Datasheet HTML 4Page - International Rectifier IR3550MPBF Datasheet HTML 5Page - International Rectifier IR3550MPBF Datasheet HTML 6Page - International Rectifier IR3550MPBF Datasheet HTML 7Page - International Rectifier IR3550MPBF Datasheet HTML 8Page - International Rectifier IR3550MPBF Datasheet HTML 9Page - International Rectifier IR3550MPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
March 12, 2012 | FINAL DATASHEET
6
IR3550
60A Integrated PowIRstage®
ELECTRICAL SPECIFICATIONS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C.
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
PARAMETER
SYMBOL
MIN
MAX
UNIT
Recommended VIN Range
VIN
4.5
15
V
Recommended VCC Range
VCC
4.5
7
V
Recommended REFIN Range
REFIN
0.25
VCC - 2.5
V
Recommended Switching Frequency
ƒSW
200
1000
kHz
Recommended Operating Junction Temperature
TJ
0
125
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Efficiency
IR3550 Peak Efficiency
Note 1
η
Note 2. See Figure 2.
94.5
%
Note 3. See Figure 7.
93.5
%
PWM Comparator
PWM Input High Threshold
VPWM_HIGH
PWM Tri-state to High
2.5
V
PWM Input Low Threshold
VPWM_LOW
PWM Tri-state to Low
0.8
V
PWM Tri-state Float Voltage
VPWM_TRI
PWM Floating
1.2
1.65
2.1
V
Hysteresis
VPWM_HYS
Active to Tri-state or Tri-
state to Active, Note 1
65
76
100
mV
Tri-state Propagation Delay
tPWM_DELAY
PWM Tri-state to Low
transition to GATEL >1V
38
ns
PWM Tri-state to High
transition to GATEH >1V
18
ns
PWM Sink Impedance
RPWM_SINK
3.67
5.1
8.70
kΩ
PWM Source Impedance
RPWM_SOURCE
3.67
5.1
8.70
kΩ
Internal Pull up Voltage
VPWM_PULLUP
VCC > UVLO
3.3
V
Minimum Pulse Width
tPWM_MIN
Note 1
41
58
ns
Current Sense Amplifier
CSIN+/- Bias Current
ICSIN_BIAS
-100
0
100
nA
CSIN+/- Bias Current Mismatch
ICSIN_BIASMM
-50
0
50
nA
Calibrated Input Offset Voltage
VCSIN_OFFSET
Self-calibrated offset,
0.5V ≤ V(REFIN) ≤ 2.25V
±450
µV
Gain
GCS
0.5V ≤ V(REFIN) ≤ 2.25V
30.0
32.5
35.0
V/V
Unity Gain Bandwidth
fBW
C(IOUT) = 10pF. Measure at
IOUT. Note 1
4.8
6.8
8.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com