Electronic Components Datasheet Search
  English  ▼

X  

SLD235VL Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD235VL
Description  Index-Guided High Power AlGaAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD235VL Datasheet(HTML) 2 Page - Sony Corporation

  SLD235VL Datasheet HTML 1Page - Sony Corporation SLD235VL Datasheet HTML 2Page - Sony Corporation SLD235VL Datasheet HTML 3Page - Sony Corporation SLD235VL Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
SLD235VL
Optical and Electrical Characteristics (Tc = 25°C)
Tc: Case temperature
Item
Threshold current
Operating current
Operating voltage
Wavelength
Differential efficiency
Radiation
angle
Astigmatism
Positional
accuracy
Paralell
Perpendicular
Angle
Position
Symbol
Ith
Iop
Vop
λp
ηD
θ//
θ⊥
As
∆φ//
∆φ⊥
∆X, ∆Y, ∆Z
Conditions
CW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
CW, Po = 70mW
Min.
15
80
—
778
0.8
7.3
15.5
–6
—
—
—
Typ.
25
95
2.0
784
1.0
8.2
18.0
—
—
—
—
Max.
35
115
2.3
792
1.2
9.8
20.5
0
±2.0
±3.0
±80
Unit
mA
mA
V
nm
mW/mA
deg
deg
µm
deg
deg
µm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com