Electronic Components Datasheet Search
  English  ▼

X  

SLD235VL Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD235VL
Description  Index-Guided High Power AlGaAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD235VL Datasheet(HTML) 1 Page - Sony Corporation

  SLD235VL Datasheet HTML 1Page - Sony Corporation SLD235VL Datasheet HTML 2Page - Sony Corporation SLD235VL Datasheet HTML 3Page - Sony Corporation SLD235VL Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
– 1 –
PE00851A19-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convery any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD235VL
M-274
Index-Guided High Power AlGaAs Laser Diode
1
3
COMMON
LD
2
Bottom View
1
3
1. LD anode
2. N.C.
3. COMMON
Description
The SLD235VL is a high-power, index-guided AlGaAs
laser diode.
Features
• High power
• Low current consumption
• Small astigmatism
• Small package (
φ5.6mm)
Applications
Optical pickup for CD-R/RW
Structure
AlGaAs quantum well structured laser diode
Recommended Operating Optical Power Output
60mW
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Pomax
70
mW (CW)
110
mW (Pulse)
Pulse period 1µs or less
Duty 50% or less
• Reverse voltage
VR
LD
2
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg
–40 to +85
°C
Connection Diagram
Pin Configuration
Preliminary
For the availability of this product, please contact the sales office.


Similar Part No. - SLD235VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD231VL SONY-SLD231VL Datasheet
70Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Sony Corporation
SLD237VL SONY-SLD237VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
More results

Similar Description - SLD235VL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
Index-Guided AlGaAs Laser Diode
SLD231VL SONY-SLD231VL Datasheet
70Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
Index-Guided High Power AlGaAs Laser Diode
SLD237VL SONY-SLD237VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD238VL SONY-SLD238VL Datasheet
45Kb / 4P
Index-Guided High Power AlGaAs Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com