Electronic Components Datasheet Search
  English  ▼

X  

RT9719 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9719
Description  Charging System Safety Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9719 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9719 Datasheet HTML 1Page - Richtek Technology Corporation RT9719 Datasheet HTML 2Page - Richtek Technology Corporation RT9719 Datasheet HTML 3Page - Richtek Technology Corporation RT9719 Datasheet HTML 4Page - Richtek Technology Corporation RT9719 Datasheet HTML 5Page - Richtek Technology Corporation RT9719 Datasheet HTML 6Page - Richtek Technology Corporation RT9719 Datasheet HTML 7Page - Richtek Technology Corporation RT9719 Datasheet HTML 8Page - Richtek Technology Corporation RT9719 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9719
4
DS9719-01 April 2011
www.richtek.com
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board
of JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power MOSFET
RDS(ON) Between ACIN to
ISENSE
RDS(ON)_ISENSE
Measure @ 500mA. 4.3V < VIN <
6V
--
--
500
m
Ω
RDS(ON) Between ACIN to
CHRIN
RDS(ON)_CHRIN
Measure @ 50mA. 4.3V < VIN <
6V
--
--
3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com