Electronic Components Datasheet Search
  English  ▼

X  

RT9719 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9719
Description  Charging System Safety Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9719 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9719 Datasheet HTML 1Page - Richtek Technology Corporation RT9719 Datasheet HTML 2Page - Richtek Technology Corporation RT9719 Datasheet HTML 3Page - Richtek Technology Corporation RT9719 Datasheet HTML 4Page - Richtek Technology Corporation RT9719 Datasheet HTML 5Page - Richtek Technology Corporation RT9719 Datasheet HTML 6Page - Richtek Technology Corporation RT9719 Datasheet HTML 7Page - Richtek Technology Corporation RT9719 Datasheet HTML 8Page - Richtek Technology Corporation RT9719 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9719
3
DS9719-01 April 2011
www.richtek.com
Electrical Characteristics
To be continued
Recommended Operating Conditions
(Note 4)
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------------
−0.3V to 30V
Output (as VIN > VOUT, normal mode) ----------------------------------------------------------------------------------
−0.3V to 7V
Output (as sleep mode) ---------------------------------------------------------------------------------------------------
−0.3V to 4.5V
Other Pins--------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 --------------------------------------------------------------------------------------------------------------------- 0.556W
WDFN-8L 2x2 --------------------------------------------------------------------------------------------------------------- 0.8W
Package Thermal Resistance (Note 2)
SOT-23-6,
θJA ---------------------------------------------------------------------------------------------------------------- 180°C/W
WDFN-8L 2x2,
θJA ---------------------------------------------------------------------------------------------------------- 125°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------- 200V
(VIN = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power On Reset
Rising VIN Threshold
UVLO
2.5
2.7
2.9
V
POR Hysteresis
--
100
--
mV
VIN Bias Current
When enable
--
200
600
μA
Reverse Leakage
ILEAKAGE
As ACIN floating
--
5
10
μA
Operation Voltage
4.3
--
6.5
V
Operation Current
--
--
1
A
Protections
RT9719
6
6.25
6.5
V
Input OVP Reference Voltage INOVP
RT9719A
7
7.2
7.4
V
Input OVP Hysteresis
--
60
100
mV
Input OVP Propagation Delay
--
--
1
μs
OTP Rising Thershold
--
140
--
°C
OTP Hysteresis
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com