Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TL431
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TL431 Datasheet HTML 8Page - NXP Semiconductors TL431 Datasheet HTML 9Page - NXP Semiconductors TL431 Datasheet HTML 10Page - NXP Semiconductors TL431 Datasheet HTML 11Page - NXP Semiconductors TL431 Datasheet HTML 12Page - NXP Semiconductors TL431 Datasheet HTML 13Page - NXP Semiconductors TL431 Datasheet HTML 14Page - NXP Semiconductors TL431 Datasheet HTML 15Page - NXP Semiconductors TL431 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Standard linear brochure
Package
DFN1010C-4 (SOT1194)
Size (mm)
1.0 x 1.0 x 0.55 mm
P
tot @ °C (mW)
400
V
IN
(V)
I
OUT
typ
(mA)
Quiescent
current
(μA)
V
do drop @
300 mA
typ (mV)
Output
noise typ
(μVrms)
PSRR @
1 kHz dB
Output
voltage
V*
LD6835K/xxH
high-ohmic
output stage
LD6835K/xxP
pull-down
output stage
1.75 - 5.5
300
30
240
50
75
1.2
LD6835K/12H
LD6835K/12P
1.4
LD6835K/14H
LD6835K/14P
1.5
LD6835K/15H
LD6835K/15P
1.8
LD6835K/18H
LD6835K/18P
2.5
LD6835K/25H
LD6835K/25P
2.6
LD6835K/26H
LD6835K/26P
2.8
LD6835K/28H
LD6835K/28P
2.85
-
LD6835K/285P
2.9
LD6835K/29H
LD6835K/29P
3.0
LD6835K/30H
LD6835K/30P
3.1
LD6835K/31H
LD6835K/31P
3.3
LD6835K/33H
LD6835K/33P
3.6
LD6835K/36H
LD6835K/36P
LD6835 high-PSRR low-dropout voltage regulators – 300 mA
IOUT (NO soft start)
IOUT (soft start)
time (ms)
0
0.2
0.15
0.05
0.1
0.8
0.4
1.2
1.6
Venable
(V)
0
VOUT
(V)
0.5
1
1.5
2
2.5
3
0
Venable
VOUT soft start
VOUT NO soft start
* Other output voltages are available on request
Key features
` High power supply ripple rejection (PSRR)
` Very low quiescent current (30 μA) and low noise (50 μVrms)
` Small package size
Key benefits
` Very small package for mobile application
` Very low standby and supply current for battery-powered
solutions
` No additional noise bypass capacitor needed
Key applications
` Mobile phones, tablet PCs, DSCs (digital still cameras), video
cameras, game pads, notebooks, netbooks, ultrabooks
High-PSSR LDO with soft-start
` Soft-start guarantees a constant start-up time
` Limits the inrush current
` Prevents unwanted input voltage dip
` Ensures defined start-up behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com