Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TL431
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TL431 Datasheet HTML 9Page - NXP Semiconductors TL431 Datasheet HTML 10Page - NXP Semiconductors TL431 Datasheet HTML 11Page - NXP Semiconductors TL431 Datasheet HTML 12Page - NXP Semiconductors TL431 Datasheet HTML 13Page - NXP Semiconductors TL431 Datasheet HTML 14Page - NXP Semiconductors TL431 Datasheet HTML 15Page - NXP Semiconductors TL431 Datasheet HTML 16Page - NXP Semiconductors TL431 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Standard linear brochure
Package
DFN1212-6 (SOT1229)
DFN1612-8 (SOT1225)
WLCSP6
Size (mm)
1.2 x 1.2 x 0.4 mm
1.6 x 1.2 x 0.4 mm
1.2 x 0.8 x 0.47 mm
P
tot @°C (mW)
400
600
800
1.75
-
5.5
30
50
75
2x 150
(LD6915)
2x300
(LD6935,
LD6938)
120
(LD6915)
240
(LD6935,
LD6938)
1.2/1.2
-
-
-
-
-
-
-
LD6938CX6/1212P
1.2/1.5
-
-
-
-
-
-
-
LD6938CX6/1215P
1.2/1.8
-
-
-
-
-
-
-
LD6938CX6/1218P
1.5/2.8
-
-
-
-
LD6935L/1528H
LD6935L/1528P
-
-
1.8/1.5
LD6915LX/1815P
1.8/1.8
-
LD6915LX/1818P
-
-
-
LD6935L/1818P
LD6938CX6/1818H
LD6938CX6/1818P
1.8/1.25
-
-
-
-
-
-
-
LD6938CX6/18125P
1.8/2.8
-
LD6915LX/1828P
-
-
-
LD6935L/1828P
-
-
1.8/3.3
-
-
-
-
-
-
LD6938CX6/1833P
2.8/1.8
LD6915LX/2818P
LD6915LX/2818PD
2.8/2.8
-
-
-
-
LD6935L/2828H
-
-
LD6938CX6/2828P
2.85/1.8
-
-
-
-
-
-
-
LD6938CX6/28518P
2.85/3.0
-
-
-
-
-
-
-
LD6938CX6/28530P
3.0/1.8
-
LD6915LX/3018P
-
-
LD6935L/3018H
LD6935L/3018P
-
LD6938CX6/3018P
3.0/2.8
LD6915LX/3028H
LD6915LX/3028P
3.0/3.0
-
-
-
-
-
LD6935L/3030P
-
LD6938CX6/3030P
3.1/1.7
-
-
-
-
-
LD6935L/3117P
-
-
3.1/3.1
-
-
-
-
-
LD6935L/3131P
-
-
3.3/1.25
-
-
-
-
-
-
-
LD6938CX6/33125P
3.3/1.8
-
LD6915LX/3318P
-
-
LD6935L/3318H
-
-
-
3.3/2.8
LD6915LX/3328H
LD6915LX/3328P
LD6915LX/3328HD
-
LD6935L/3328H
-
-
LD6938CX6/3328P
3.3/2.85
-
-
LD6938CX6/33285H
LD6938CX6/33285P
3.3/3.0
-
-
-
-
-
LD6935L/3330P
-
LD6938CX6/3330P
3.3/3.3
-
LD6915LX/3333P
-
-
-
LD6935L/3333P
-
LD6938CX6/3333P
3.6/1.2
LD6915LX/3612P
LD6938CX6/3612H
LD6915, LD6935 and LD6938 dual high-PSRR low-dropout voltage regulators - 150 mA and 300 mA
Remark: Version with auto-discharge during disable (e.g. LD6935L/2828P)
IN1
IN2
EN1
OUT1
OUT2
GND
THERMAL
PROTECTION
OVER CURRENT
PROTECTION
EN2
Tri state mode
Vreference
GENERATOR
Soft Start
Enable
pull down
Delay circuit
(optional)
Remark: Version with high-ohmic output during disable (e.g. LD6935L/1818H)
Key features
` High power supply ripple rejection (PSRR)
` Very low quiescent current (30 μA)
` Soft-start, thermal shutdown, foldback, current limiter, optional
with delay circuit
Key benefits
` Very low standby and supply current for battery-powered solutions
` Small packages for board space reduction
` No additional noise bypass capacitor needed
Key applications
` Mobile phones, tablet PCs, DSCs (digital still cameras), video
cameras, game pads, notebooks, netbooks, ultrabooks
Delay Circuit
` The delay circuit prevents an unwanted input voltage dip
when both outputs are enabled at the same time by delaying
the second LDO
EN1, EN2
OUT1
tstartup(reg) tdelay
OUT2
* Other output voltages are available on request ** optionally available with delay circuit
Functional diagram: High-ohmic output
Functional diagram: Auto-discharge (pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com