Electronic Components Datasheet Search
  English  ▼

X  

RT9724 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9724
Description  100m廓, 2A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9724 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9724 Datasheet HTML 1Page - Richtek Technology Corporation RT9724 Datasheet HTML 2Page - Richtek Technology Corporation RT9724 Datasheet HTML 3Page - Richtek Technology Corporation RT9724 Datasheet HTML 4Page - Richtek Technology Corporation RT9724 Datasheet HTML 5Page - Richtek Technology Corporation RT9724 Datasheet HTML 6Page - Richtek Technology Corporation RT9724 Datasheet HTML 7Page - Richtek Technology Corporation RT9724 Datasheet HTML 8Page - Richtek Technology Corporation RT9724 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9724
®
DS9724-02 July 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
100m
Ω
Ω
Ω
Ω
Ω, 2A Slew Rate Controlled Load Switch
General Description
The RT9724 is a cost-effective, low-voltage, single
N-MOSFET high-side Power Switch IC. Low switch-on
resistance (typ. 100m
Ω) and low supply current (typ. 50uA)
are realized in this IC. The RT9724 integrates an over-
current protection circuit, a short fold back circuit, a
thermal shutdown circuit and an under-voltage lockout
circuit for overall protection. Besides, a slew rate
controlled function is embedded for turn-on rising time
control. The RT9724 is available in SOT-23-5 and WDFN-
8L 2x2 package.
Features
100m
Ω
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 5.5V
Reverse Blocking Current
Under Voltage Lockout
Thermal Protection with Foldback
Over Current Protection
Short Circuit Protection
Slew Rate Limited Turn-On Time 3ms (5V)
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital still Camera
Hot swap Supplies
Notebook Computers
Personal Communication Devices
Personal Digital Assistants
Marking Information
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
SOT-23-5
NC
VOUT
VIN
VIN
VIN
EN
GND
7
6
5
1
2
3
4
8
9
VIN
EN GND VOUT
VIN
VIN
4
23
5
RT9724
Package Type
B : SOT-23-5
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
1Y=DNN
1Y= : Product Code
DNN : Date Code
GVW
GV : Product Code
W : Date Code
RT9724GB
RT9724GQW


Similar Part No. - RT9724

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
Express Card Power Interface Switch
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
High-Voltage Hysteresis Selectable Temperature Switch
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
N-MOSFET Load Switch Controller
More results

Similar Description - RT9724

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205 Datasheet
201Kb / 5P
100m廓, 2A SLEW RATE CONTROLLED LOAD SWITCH
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com