Electronic Components Datasheet Search
  English  ▼

X  

RT9724 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9724
Description  100m廓, 2A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9724 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9724 Datasheet HTML 1Page - Richtek Technology Corporation RT9724 Datasheet HTML 2Page - Richtek Technology Corporation RT9724 Datasheet HTML 3Page - Richtek Technology Corporation RT9724 Datasheet HTML 4Page - Richtek Technology Corporation RT9724 Datasheet HTML 5Page - Richtek Technology Corporation RT9724 Datasheet HTML 6Page - Richtek Technology Corporation RT9724 Datasheet HTML 7Page - Richtek Technology Corporation RT9724 Datasheet HTML 8Page - Richtek Technology Corporation RT9724 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9724
2
DS9724-02 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
SOT-23-5
WDFN-8L 2x2
Pin Name
Pin Function
1
3
EN
Chip Enable (Active High).
2
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
3
2
VOUT
Power-Switch Output.
4, 5
5, 6, 7, 8
VIN
Power Input Voltage.
--
1
NC
No Internal Connection.
Gate
Control
Output Voltage
Detection
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
Current
Limiting
VOUT
VIN
GND
EN
Auto Discharge
Typical Application Circuit
VOUT
VIN
GND
RT9724
2.7V to 5.5V
EN
Chip Enable
Load
COUT
0.1µF
1µF
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com