Electronic Components Datasheet Search
  English  ▼

X  

1113307 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 1113307
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1113307 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 1113307 Datasheet HTML 9Page - Tyco Electronics 1113307 Datasheet HTML 10Page - Tyco Electronics 1113307 Datasheet HTML 11Page - Tyco Electronics 1113307 Datasheet HTML 12Page - Tyco Electronics 1113307 Datasheet HTML 13Page - Tyco Electronics 1113307 Datasheet HTML 14Page - Tyco Electronics 1113307 Datasheet HTML 15Page - Tyco Electronics 1113307 Datasheet HTML 16Page - Tyco Electronics 1113307 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
13
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Inside diameter
Ordering
D (min)
d (max)
Recommended
description
As supplied
After recovery
use range
mm
inches
mm
inches
mm
inches
D-SCE-1K- 2.4-50-<color>
2.39
0.094
0.79
0.031
0.81 - 1.90
0.032 - 0.075
D-SCE-1K- 3.2-50-<color>
3.18
0.125
1.07
0.043
1.11 - 2.66
0.044 - 0.105
D-SCE-1K- 4.8-50-<color>
4.75
0.187
1.57
0.063
1.75 - 4.06
0.069 - 0.160
D-SCE-1K- 6.4-50-<color>
6.35
0.250
2.11
0.084
2.31 - 5.46
0.091 - 0.215
D-SCE-1K- 9.5-50-<color>
9.53
0.375
3.18
0.125
3.47 - 8.12
0.137 - 0.320
D-SCE-1K-12-50-<color>
12.70
0.500
4.22
0.167
4.64 - 10.79
0.183 - 0.425
D-SCE-1K-18-50-<color>
19.05
0.750
6.35
0.250
6.99 - 16.25
0.275 - 0.640
D-SCE-1K-25-50-<color>
25.40
1.000
8.46
0.333
9.29 - 21.59
0.366 - 0.850
D-SCE-1K-38-50-<color>*
38.10
1.500
19.05
0.750
20.95 - 33.02
0.825 - 1.300
* 2:1 shrink ratio
Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width.
Options
Prescoring
Perforated score to produce multiple marker sleeves from each D-SCE sleeve.
Standard
Side scored
Number of prescores
1 prescore
2 prescores
3 prescores
Code
S1
S2
S3
Package sizes
Standard
1K - 1000 piece packages available for all D-SCE sizes
Nonstandard
Larger pack sizes are available. Please contact Tyco Electronics.
Colors
Standard
White
Yellow
Code
9
4
Nonstandard
Pink
Blue
Code
2L
6
Ordering information: Specify product name, pack size, sleeve size, prescore, format and color.
Ordering example: D-SCE-1K-6.4-50-S2-4
SOG-ER33-3 BT-M
50mm
(nom )
SOG-ER32-3 BT-M
SOG-ER13-3 BT-M
D
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com