Electronic Components Datasheet Search
  English  ▼

X  

1113307 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 1113307
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1113307 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 1113307 Datasheet HTML 14Page - Tyco Electronics 1113307 Datasheet HTML 15Page - Tyco Electronics 1113307 Datasheet HTML 16Page - Tyco Electronics 1113307 Datasheet HTML 17Page - Tyco Electronics 1113307 Datasheet HTML 18Page - Tyco Electronics 1113307 Datasheet HTML 19Page - Tyco Electronics 1113307 Datasheet HTML 20Page - Tyco Electronics 1113307 Datasheet HTML 21Page - Tyco Electronics 1113307 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
TMS-CCUV Heat-shrinkable UV protection sleeves
18
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
TMS-CCUV clear heat shrinkable sleeves are designed for over
protection of TMS System Six identification products, to give
increased protection for permanent, long-term environmental
exposure. The clear CCUV heat-shrinkable sleeves are formulated
to combine a long-term barrier to the effects of ultra-violet, with
tough resistance to abrasion and industrial fluids. They are
available in packs which match the product sizes and pack
quantities of TMS System Six heat-shrinkable identification sleeves
and cable markers.
The TMS CCUV sleeves are inherently low profile and use the
action of heat-shrink to lock in place over the previously installed
identification sleeves; except for cable markers which use a slide
fitting CCUV sleeve which is held in place by the cable ties.
The action of heat-shrink locking of the CCUV sleeves means there
is no reliance on the long term performance of adhesives to hold
the outer protection layer in place, and also gives the ability to
accommodate cables and wire bundles which may be bent or
flexed during use.
Features and benefits
I Exceptional clarity and stability
I Added UV-resistant sleeves
I Not printable
I Tough resistance to abrasion and industrial fluids
I Heat-shrink locking in place (no reliance on adhesives)
I Low profile
I Accommodates bent or flexing cable/wire bundles
I Can work as an NBC (nuclear, biological, chemical) System with
NBC-SCE sleeves and appropriate adhesive
Temperature rating
Operating temperature range
–55°C to +150°C
–67°F to 302°F
Minimum recovery temperature
+150°C
+302°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2525
Military
UL VW-1 rated
SAE-AMS-DTL-23053/18, Class 2
Before shrinking
L
D
After shrinking over TMS cable sleeve
TMSIDENT SLEEVE
Wire dia.
60mmto 65mm
TMS CABLE
MARKER
Cable dia.
32mm
After sliding over TMS cable marker
TMSCABLEMARKER
60mmto 65mm
After shrinking over TMS cable marker
TMS-CCUV- SLEEVE-1- X- 65mm
Part numbering system
Sleeve length (mm)
Color (clear for all)
Sleeve reference
Loose sleeves
CCUV sleeve
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com