Electronic Components Datasheet Search
  English  ▼

X  

RT9147 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9147
Description  20V, 1A, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9147 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9147 Datasheet HTML 1Page - Richtek Technology Corporation RT9147 Datasheet HTML 2Page - Richtek Technology Corporation RT9147 Datasheet HTML 3Page - Richtek Technology Corporation RT9147 Datasheet HTML 4Page - Richtek Technology Corporation RT9147 Datasheet HTML 5Page - Richtek Technology Corporation RT9147 Datasheet HTML 6Page - Richtek Technology Corporation RT9147 Datasheet HTML 7Page - Richtek Technology Corporation RT9147 Datasheet HTML 8Page - Richtek Technology Corporation RT9147 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9146/7
4
DS9146/7-02
February 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Voltage, VS
− = 0V, VS+----------------------------------------------------------------------------------------- 6V to 20V
Junction Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, (VS+ to VS
−) ------------------------------------------------------------------------------------------- 24V
VINx+, VINx
− to VS− ------------------------------------------------------------------------------------------------------- −0.3V to 24V
VINx+ to VINx
− -------------------------------------------------------------------------------------------------------------- ±5V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 3x3 ---------------------------------------------------------------------------------------------------------------- 1.429W
WQFN-16L 4x4 -------------------------------------------------------------------------------------------------------------- 1.852W
Package Thermal Resistance (Note 2)
WDFN-8L 3x3,
θJA ----------------------------------------------------------------------------------------------------------- 70°C/W
WDFN-8L 3x3,
θJC----------------------------------------------------------------------------------------------------------- 8.2°C/W
WQFN-16L 4x4,
θJA --------------------------------------------------------------------------------------------------------- 54°C/W
WQFN-16L 4x4,
θJC -------------------------------------------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------------- 200V
(VS+ = 16V, VS
− = 0V, VINx+ = VOUTx = VS+ / 2, TA = 25°C, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Characteristics
Input Offset Voltage
VOS
VCM = VS+ / 2
--
2
15
mV
Input Bias Current
IB
VCM = VS+ / 2
--
2
50
nA
IOUTx = 0 to −80mA
--
0.1
--
Load Regulation
ΔVLOAD
IOUTx = 0 to 80mA
--
−0.1
--
mV/mA
Common Mode Input
Range
CMIR
0.5
--
VS+
−0.5
V
Common Mode Rejection
Ratio
CMRR
0.5V
≤ VOUTx ≤ VS+ − 0.5V
--
95
--
dB
Open Loop Gain
AVOL
0.5V
≤ VOUTx ≤ VS+ − 0.5V
--
118
--
dB
Output Characteristics
Output Swing Low
VOL
IL = −50mA
--
0.6
1.5
V
Output Swing High
VOH
IL = 50mA
VS+
− 1.5
VS+
− 0.3
--
V
Transient Peak Output
Current
IPK
800
1000
1400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com