Electronic Components Datasheet Search
  English  ▼

X  

RT9147 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9147
Description  20V, 1A, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9147 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9147 Datasheet HTML 3Page - Richtek Technology Corporation RT9147 Datasheet HTML 4Page - Richtek Technology Corporation RT9147 Datasheet HTML 5Page - Richtek Technology Corporation RT9147 Datasheet HTML 6Page - Richtek Technology Corporation RT9147 Datasheet HTML 7Page - Richtek Technology Corporation RT9147 Datasheet HTML 8Page - Richtek Technology Corporation RT9147 Datasheet HTML 9Page - Richtek Technology Corporation RT9147 Datasheet HTML 10Page - Richtek Technology Corporation RT9147 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9146/7
8
DS9146/7-02
February 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 1. Derating Curves for the RT9146/7 Packages
Applications Information
The RT9146/7 is a high performance operational amplifier
capable of driving large loads for different applications. A
high slew rates, rail-to-rail input and output capability, and
low power consumption are the features which make the
RT9146/7 ideal for LCD applications. The RT9146/7 also
has wide bandwidth and phase margin to drive a load with
10k
Ω resistance and 10pF capacitance.
Operating Voltage
The RT9146/7 total supply voltage range is guaranteed
from 6V to 20V. The specifications are stable over both
the full supply range and operating temperatures from
−
40
°C to 85°C. The output swing of the RT9146/7 typically
extends to within 1.5V of positive/negative supply rails
with 50mA load current source/sink. Decreasing the load
current will obtain an output swing even closer to the
supply rails.
Short Circuit Condition
An internal short circuit protection is implemented to
protect the device from output short circuit. The RT9146/
7 limits the short circuit current to
±1A if the output is
directly shorted to positive/negative supply rails.
LCD Panel Applications
The RT9146/7 is mainly designed for LCD V-com buffer.
The operational amplifier has 1A instantaneous source/
sink peak current.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT9146/7, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WDFN-
8L 3x3 package, the thermal resistance,
θJA, is 70°C/W
on a standard JEDEC 51-7 four-layer thermal test board.
For WQFN-16L 4x4 package, the thermal resistance,
θJA,
is 54
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (70°C/W) = 1.429W for
WDFN-8L 3x3 package
PD(MAX) = (125
°C − 25°C) / (54°C/W) = 1.852W for
WQFN-16L 4X4 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT9146/7 packages, the derating
curves in Figure 1 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
WQFN-16L 4x4
WDFN-8L 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com