Electronic Components Datasheet Search
  English  ▼

X  

RT9823 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9823
Description  Smart Multi-Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9823 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9823 Datasheet HTML 1Page - Richtek Technology Corporation RT9823 Datasheet HTML 2Page - Richtek Technology Corporation RT9823 Datasheet HTML 3Page - Richtek Technology Corporation RT9823 Datasheet HTML 4Page - Richtek Technology Corporation RT9823 Datasheet HTML 5Page - Richtek Technology Corporation RT9823 Datasheet HTML 6Page - Richtek Technology Corporation RT9823 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9823
1
DS9823-02 June 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
SOT-23-6
Smart Multi-Voltage Detector
Features
Capable of Monitoring Two Inputs Precisely
VCC Connect to 5V or 3.3V Standby Power
Detection Threshold Voltages
V5 : 5V x 80%
VADJ : 1V (Using Resistor Divider)
Accuracy :
±±±±±2%
CTR (Open Drain Output Active Low)
Built-in Recovery Delay 300ms
Manual CTR (MR) Function
SOT-23-6 Package
RoHS Compliant and Halogen Free
Applications
LCD TV or Monitors
Consumer Electronic Products
System Voltage Detector
Marking Information
ES= : Product Code
DNN : Date Code
General Description
The RT9823 is an integrated smart multi voltage detector
supervising two power supply voltage levels including 5V,
and another voltage (such as 3.3V or 12V) , which can be
set via an external resistive voltage divider.
The RT9823 performs supervisory function by sending out
a CTR signal whenever the monitored voltages fall below
80% of the voltage levels. The CTR signal will last the
whole period before VCC recovers. Once the supervising
voltages are recovered to higher than 80% of the voltage
levels, the CTR signal will be released after a 300ms delay
time.
MR (Manual Reset) controls the CTR signal when the
two monitored power supply voltages are at normal voltage
levels. When the MR signal is in logic high, the CTR signal
will be pulled low immediately.
The RT9823 is available in a SOT-23-6 package.
ES=DNN
4
23
5
6
Package Type
E : SOT-23-6
RT9823
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9823

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
Dual Micro-Power Voltage Detectors
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
More results

Similar Description - RT9823

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
Smart Multi-Voltage Detector
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
logo
Richtek Technology Corp...
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com