Electronic Components Datasheet Search
  English  ▼

X  

RT9823 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9823
Description  Smart Multi-Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9823 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9823 Datasheet HTML 1Page - Richtek Technology Corporation RT9823 Datasheet HTML 2Page - Richtek Technology Corporation RT9823 Datasheet HTML 3Page - Richtek Technology Corporation RT9823 Datasheet HTML 4Page - Richtek Technology Corporation RT9823 Datasheet HTML 5Page - Richtek Technology Corporation RT9823 Datasheet HTML 6Page - Richtek Technology Corporation RT9823 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RT9823
2
DS9823-02 June 2011
www.richtek.com
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
CTR
Reset Output (Open Drain, Active-Low) . When VCC > POR, V5 > 80%, and VADJ > 1V,
CTR will delay 300ms and become high. Once V5 or VADJ is < 80%, the signal will
become low. When MR is high, CTR will become low.
2
GND
Ground.
3
MR
Manual Reset Input. Manual reset with internal pull high resister (1M
Ω) , H : CTR = Low;
L : CTR signal is dependent on voltage detector output.
4
VADJ
Voltage Detection Input. Connect 12V or other power with external resistive voltage
divider to this pin. The VADJ logic-high threshold voltage is 1V.
5
V5
5V Voltage Detection Input. The detection threshold is 5V x 80%.
6
VCC
Supply Input. Connect this pin to standby power from system.
Functional Pin Description
Typical Application Circuit
GND
MR
VCC
V5
VADJ
RT9823
3.3V or 5V
12V
Manual Reset
5V
1
2
6
4
3
5
CTR
R1
R2
µP
VDD
100k
Pull Up
RESET
Delay
300ms
Voltage
Regulator
POR
Voltage Detector
(VTH = 1V)
MR
VCC
V5
VADJ
VREF
Voltage Detector
(VTH = 5V x 80%)
CTR
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com