Electronic Components Datasheet Search
  English  ▼

X  

RT9828 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9828
Description  Dual Micro-Power Voltage Detectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9828 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9828 Datasheet HTML 1Page - Richtek Technology Corporation RT9828 Datasheet HTML 2Page - Richtek Technology Corporation RT9828 Datasheet HTML 3Page - Richtek Technology Corporation RT9828 Datasheet HTML 4Page - Richtek Technology Corporation RT9828 Datasheet HTML 5Page - Richtek Technology Corporation RT9828 Datasheet HTML 6Page - Richtek Technology Corporation RT9828 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RT9828
4
DS9828-02 April 2011
www.richtek.com
Typical Operating Characteristics
Nch Driver Sink Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
00.511.522.533.5
Input Voltage (V)
80
°C
25
°C
-30
°C
VTH = 3V, VDS = 0.5V
Nch Diver Sink Current vs. Input Voltage
0
4
8
12
16
20
0
0.4
0.8
1.2
1.6
2
Input Voltage (V)
80
°C
25
°C
-30
°C
VTH = 1.6V, VDS = 0.5V
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
0123
4
56
Input Voltage (V)
VTH = 3V
Output Voltage vs. Input Voltage
0
1
2
3
4
5
6
0123
4
56
Input Voltage (V)
VTH = 1.6V
VDD2 Supply Current vs. Input Voltage
0
1
2
3
4
5
0123
456
Input Voltage (V)
80
°C
-30
°C
VTH = 3V
25
°C
VDD1 Supply Current vs. Input Voltage
0
1
2
3
4
5
0123
456
Input Voltage (V)
80
°C
-30
°C
VTH = 1.6V
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com