Electronic Components Datasheet Search
  English  ▼

X  

RT9828 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9828
Description  Dual Micro-Power Voltage Detectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9828 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9828 Datasheet HTML 1Page - Richtek Technology Corporation RT9828 Datasheet HTML 2Page - Richtek Technology Corporation RT9828 Datasheet HTML 3Page - Richtek Technology Corporation RT9828 Datasheet HTML 4Page - Richtek Technology Corporation RT9828 Datasheet HTML 5Page - Richtek Technology Corporation RT9828 Datasheet HTML 6Page - Richtek Technology Corporation RT9828 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9828
1
DS9828-02 April 2011
www.richtek.com
Features
High Accuracy
±±±±±1.5%
Low Supply Current 6uA
Quick Reset within 20us
Built-in 55ms Recovery Delay
Low Functional Supply Voltage 0.9V
Dual N-Channel Open-Drain Output
Small SOT-23-6 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Computers
Controllers
Intelligent Instruments
Critical uP and uC Power Monitoring
Portable/Battery-Powered Equipment
Dual Micro-Power Voltage Detectors
General Description
The RT9828 is a micro-power voltage detector supervising
the power supply voltage level for microprocessors (uP) or
digital systems. It provides internally fixed threshold levels
ranging from 1.2V to 5V, which covers most digital
applications. It features low supply current of 6uA. The
RT9828 performs supervisory function by sending out a
reset signal whenever the VDD voltage falls below a preset
threshold level. This reset signal will last the whole period
before VDD recovering. Once the VDD exceeds the threshold
level, the reset signal will be released after a certain delay
time. The RT9828 is available in SOT-23-6 package.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
(TOP VIEW)
SOT-23-6
Pin Configurations
VDD1 NC
GND VDD2
4
23
5
6
RESET2
RESET1
RT9828
Package Type
E : SOT-23-6
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
-
Threshold Voltage : RESET1/RESET2
WP : 1.6V/3.0V
GP : 1.8V/3.0V


Similar Part No. - RT9828

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9823 RICHTEK-RT9823 Datasheet
144Kb / 7P
Smart Multi-Voltage Detector
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
More results

Similar Description - RT9828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com