Electronic Components Datasheet Search
  English  ▼

X  

RT9368 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9368
Description  4-Channel Charge Pump White LED Driver with Low Dropout Current Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9368 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9368 Datasheet HTML 1Page - Richtek Technology Corporation RT9368 Datasheet HTML 2Page - Richtek Technology Corporation RT9368 Datasheet HTML 3Page - Richtek Technology Corporation RT9368 Datasheet HTML 4Page - Richtek Technology Corporation RT9368 Datasheet HTML 5Page - Richtek Technology Corporation RT9368 Datasheet HTML 6Page - Richtek Technology Corporation RT9368 Datasheet HTML 7Page - Richtek Technology Corporation RT9368 Datasheet HTML 8Page - Richtek Technology Corporation RT9368 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9368
4
DS9368-07 April 2011
www.richtek.com
Electrical Characteristics
(VIN = 3.6V, CIN = COUT = CFLY = 1uF (ESR = 30m
Ω), TA = 25°C, unless otherwise specification)
To be continued
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other I/O Pin Voltage -----------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WQFN-16L 3x3 ------------------------------------------------------------------------------------------------------------ 1.47W
Package Thermal Resistance (Note 2)
WQFN-16L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 68°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−40°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input
Input Supply Voltage
VIN
2.8
--
5.0
V
Under-voltage Lockout
Threshold
VIN Rising
1.6
2.1
2.5
V
Under-voltage Lockout
Hysteresis
--
100
--
mV
Quiescent of x1 Mode
IQ_x1
x1 Mode, No Load, All LED pins
connected to GND, VIN = 4V
0.5
1
2
mA
Quiescent of x2 Mode
IQ_x2
x2 Mode, No Load, All LED pins floating,
VIN = 3.5V
1.5
2.5
5
mA
Shutdown Current
ISHDN
VEN = 0.4V, VIN = 2.8V to 5.5V
0
0.1
10
μA
x1 mode to x1.5 mode
Transition Voltage (VIN falling)
VTS_x1.5 VF = 3.5V, IOUT = 80mA, ILEDx = 20mA
--
3.7
--
V
x1.5 mode to x2 mode
Transition Voltage (VIN falling)
VTS_x2
VF = 3.5V, IOUT = 80mA, ILEDx = 20mA
--
3.0
--
V
Hysteresis of Mode Transition
--
100
--
mV
Output
Current Range of ILEDx
2.8 < VIN < 5.5@VF = 3.2, IOUT = 60mA
3.0 < VIN < 5.5@VF = 3.4, IOUT = 80mA
3.3 < VIN < 5.5@VF = 3.8, IOUT = 80mA
1.25
--
20
mA
ILEDx Accuracy
ILED-ERR 100% Setting
−8
--
+8
%
Current Matching
−5
--
+5
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com