Electronic Components Datasheet Search
  English  ▼

X  

RT9368 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9368
Description  4-Channel Charge Pump White LED Driver with Low Dropout Current Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9368 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9368 Datasheet HTML 1Page - Richtek Technology Corporation RT9368 Datasheet HTML 2Page - Richtek Technology Corporation RT9368 Datasheet HTML 3Page - Richtek Technology Corporation RT9368 Datasheet HTML 4Page - Richtek Technology Corporation RT9368 Datasheet HTML 5Page - Richtek Technology Corporation RT9368 Datasheet HTML 6Page - Richtek Technology Corporation RT9368 Datasheet HTML 7Page - Richtek Technology Corporation RT9368 Datasheet HTML 8Page - Richtek Technology Corporation RT9368 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9368
3
DS9368-07 April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LED 4
Output Current for LED4. (If not in use, this pin must be connected to GND).
2, 17 (Exposed Pad) NC
No Internal Connection.
3, 10
GND
Ground.
4
C1P
Positive Terminal of Bucket Capacitor 1.
5
VIN
Power Input Voltage.
6
C2N
Negative Terminal of Bucket Capacitor 2.
7
C1N
Negative Terminal of Bucket Capacitor 1.
8
VOUT
Output Voltage Source.
9
C2P
Positive Terminal of Bucket Capacitor 2.
11
ISET
LED current is set by the value of the resistor RSET connected from the ISET
pin to ground. Do not short the ISET pin to GND directly.
12
EN
Chip Enable (Active High). Note that this pin is high impedance.
13
VIN
Power Input Voltage.
14
LED 1
Output Current for LED1. (If not in use, this pin must be connected to GND).
15
LED 2
Output Current for LED2. (If not in use, this pin must be connected to GND).
16
LED 3
Output Current for LED3. (If not in use, this pin must be connected to GND).
Function Block Diagram
EN
LED1
LED4
LED2
LED3
250kHz
OSC
16 Steps Pulse
Dimming Controller
Soft Start
Circuit
Current Source
Shutdown Delay
VIN
VOUT
Gate Driver
UVLO
OVP
Min VDS
+
-
C1P
C2P
C2N
C1N
Mode Decision
Current
Bias
Vr2
GND
ISET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com