Electronic Components Datasheet Search
  English  ▼

X  

SLD304B Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD304B
Description  Block-type 1000mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304B Datasheet(HTML) 2 Page - Sony Corporation

  SLD304B Datasheet HTML 1Page - Sony Corporation SLD304B Datasheet HTML 2Page - Sony Corporation SLD304B Datasheet HTML 3Page - Sony Corporation SLD304B Datasheet HTML 4Page - Sony Corporation SLD304B Datasheet HTML 5Page - Sony Corporation SLD304B Datasheet HTML 6Page - Sony Corporation SLD304B Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
SLD304B
Electrical and Optical Characteristics
(Tc = 15°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Threshold current
Operating current
Operating voltage
Wavelength
Radiation angle
(F. W. H. M.∗)
Positional
accuracy
Differential efficiency
Ith
Iop
Vop
λp
θ⊥
θ//
∆X
∆Y, ∆Z
∆φ⊥
ηD
PO = 900mW
PO = 900mW
PO = 900mW
PO = 900mW
PO = 900mW
PO = 900mW
770
0.5
450
1400
2.1
28
13
0.8
700
2000
3.0
840
40
17
±300
±100
±3
mA
mA
V
nm
degree
µm
degree
mW/mA
Perpendicular to junction
Parallel to junction
Position
Angle
∗ F. W. H. M. : Full Width at Half Maximum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com