Electronic Components Datasheet Search
  English  ▼

X  

SLD304B Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD304B
Description  Block-type 1000mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD304B Datasheet(HTML) 3 Page - Sony Corporation

  SLD304B Datasheet HTML 1Page - Sony Corporation SLD304B Datasheet HTML 2Page - Sony Corporation SLD304B Datasheet HTML 3Page - Sony Corporation SLD304B Datasheet HTML 4Page - Sony Corporation SLD304B Datasheet HTML 5Page - Sony Corporation SLD304B Datasheet HTML 6Page - Sony Corporation SLD304B Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
SLD304B
Example of Representative Characteristics
Threshold current vs. Temperature characteristics
Tc – Case temperature [
°C]
–10
0
20
10
30
100
1000
500
Optical power output vs. Forward current
IF – Forward current [mA]
0
500
1000
1500
2000
0
500
1000
Tc = –10
°C
Tc = 0
°C
Tc = 25
°C
Tc = 15
°C
Tc = 30
°C
780
810
830
800
790
820
Oscillation wavelength vs. Temperature characteristics
Tc – Case temperature [
°C]
–10
0
10
20
30
40
PO = 900mW
0
0.5
1.0
Differential efficiency vs. Temperature characteristics
Tc – Case temperature [
°C]
–10
0
10
20
30
40
Power dependence of far field pattern
Angle [degree]
–30
–20
–10
0
10
20
30
Tc = 15
°C
PO = 900mW
PO = 500mW
PO = 200mW
PO = 50mW
Power dependence of near field pattern
200
µm
Tc = 15
°C
PO = 600mW
PO = 400mW
PO = 200mW
PO = 900mW
PO = 800mW
(Parallel to junction)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com