Electronic Components Datasheet Search
  English  ▼

X  

RT9917 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9917
Description  7 Channel DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9917 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9917 Datasheet HTML 1Page - Richtek Technology Corporation RT9917 Datasheet HTML 2Page - Richtek Technology Corporation RT9917 Datasheet HTML 3Page - Richtek Technology Corporation RT9917 Datasheet HTML 4Page - Richtek Technology Corporation RT9917 Datasheet HTML 5Page - Richtek Technology Corporation RT9917 Datasheet HTML 6Page - Richtek Technology Corporation RT9917 Datasheet HTML 7Page - Richtek Technology Corporation RT9917 Datasheet HTML 8Page - Richtek Technology Corporation RT9917 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
DS9917-03 April 2011
www.richtek.com
RT9917
Pin Configurations
7 Channel DC/DC Converters
General Description
The RT9917 is a complete power-supply solution for digital
still cameras and other hand-held devices.
It integrates :
CH1 : Boost DC-DC converter with load disconnect
controller (SW1).
CH2 : Selectable Boost/Buck DC-DC converter
CH3 : Step-down DC-DC converter with internal
compensation.
CH4 : Step-down DC-DC converter with internal
compensation.
CH5 : DC/DC converter with HV NMOS, internal
compensation and load disconnect (SW5) for CCD positive
supply.
CH6 : DC/DC converter with HV PMOS for CCD negative
supply.
CH7 : WLED driver with HVNMOS, internal compensation
and allow for PWM dimming.
SW1 : Load disconnect controller for CH1.
SW5 : Load disconnect switch for CH5.
Features
1 Channel Boost/Buck Selectable by SEL Pin
2 Selectable On/Off Sequence Set by SEQ Pin
4 Channels with Internal Compensation
Provide Charge Pump Voltage to Enhance NMOS
Gate Driving Capability for Alkaline Battery Input
All Power Switches Integrated
Syn Step-Down DC/DC Converter
Up to 95% Efficiency
100% (MAX) Duty Cycle
Syn Step-Up DC/DC Converter
Adjustable Output Voltage
Up to 95% Efficiency
Open LED Protection
Transformerless Inverting Converter for CCD
Fixed 1MHz Switching Frequency
Compact 40-Lead WQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Digital Still Camera
PDA
Portable Device
(TOP VIEW)
WQFN-40L 5x5
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PVDD2
VDDM
CFB7
GND
LX7
LX5
VOUT7
FB3
EN7
LX3
PVDD1
PVDD6
CP
CN
CPO
FB6
FB4
COMP6
LX4
GND
LX6
41
RT9917
Package Type
QW : WQFN-40L 5x5 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9917

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911 Datasheet
608Kb / 32P
6 Channel DC/DC Converters
RT9911GQV RICHTEK-RT9911GQV Datasheet
608Kb / 32P
6 Channel DC/DC Converters
RT9911PQV RICHTEK-RT9911PQV Datasheet
608Kb / 32P
6 Channel DC/DC Converters
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
6 Channel DC/DC Converters
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
Multi-Channel Power Management IC for Portable Device
More results

Similar Description - RT9917

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
7 Watt DC-DC Converters
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911 Datasheet
608Kb / 32P
6 Channel DC/DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 2 Watt
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
6 Channel DC/DC Converters
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Richtek Technology Corp...
RT5035A RICHTEK-RT5035A Datasheet
1Mb / 44P
Channel DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com