Electronic Components Datasheet Search
  English  ▼

X  

RT9917 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9917
Description  7 Channel DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9917 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9917 Datasheet HTML 9Page - Richtek Technology Corporation RT9917 Datasheet HTML 10Page - Richtek Technology Corporation RT9917 Datasheet HTML 11Page - Richtek Technology Corporation RT9917 Datasheet HTML 12Page - Richtek Technology Corporation RT9917 Datasheet HTML 13Page - Richtek Technology Corporation RT9917 Datasheet HTML 14Page - Richtek Technology Corporation RT9917 Datasheet HTML 15Page - Richtek Technology Corporation RT9917 Datasheet HTML 16Page - Richtek Technology Corporation RT9917 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
DS9917-03 April 2011
www.richtek.com
RT9917
CH6 Output Voltage Ripple
Time (500ns/Div)
LX6
(5V/Div)
VIN = 1.8V, VOUT = -8V, IOUT = 50mA
L = 10
μH, COUT = 10μF
VOUT_ac
(5mV/Div)
CH7 Output Voltage Ripple
Time (2.5ms/Div)
LX7
(5V/Div)
VIN = 1.8V, IOUT = 25mA (4 x WLED)
L = 10
μH, COUT = 1μF
VOUT_ac
(50mV/Div)
CH5 Output Voltage Ripple
Time (500ns/Div)
LX5
(5V/Div)
VIN = 1.8V, VOUT = 15V, IOUT = 30mA
L = 10
μH, COUT = 10μF
VOUT_ac
(5mV/Div)
CH2 Output Voltage Ripple
Time (500ns/Div)
LX2
(2V/Div)
VIN = 2.7V, VOUT = 3.3V, IOUT = 300mA
L = 2.2
μH, COUT = 10μF x 2
VOUT_ac
(5mV/Div)
CH3 Output Voltage Ripple
Time (500ns/Div)
LX3
(2V/Div)
VIN = 4.2V, VOUT = 2.5V, IOUT = 300mA
L = 4.7
μH, COUT = 10μF
VOUT_ac
(5mV/Div)
CH4 Output Voltage Ripple
Time (500ns/Div)
LX4
(1V/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 300mA
L = 4.7
μH, COUT = 10μF
VOUT_ac
(2mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com