Electronic Components Datasheet Search
  English  ▼

X  

RT9503 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9503 Datasheet HTML 1Page - Richtek Technology Corporation RT9503 Datasheet HTML 2Page - Richtek Technology Corporation RT9503 Datasheet HTML 3Page - Richtek Technology Corporation RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9503
5
DS9503-03 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, ACIN ---------------------------------------------------------------------------------------------
−0.3V to 18V
Supply Input Voltage, USB ----------------------------------------------------------------------------------------------
−0.3V to 7V
CHG_SB, AC_PGOOD, AC_ON ---------------------------------------------------------------------------------------
−0.3V to 18V
Other Pins -------------------------------------------------------------------------------------------------------------------
−0.3V to 5.5V
Power Dissipation, PD @ TA = 25
°C
WQFN-16L 3x3 ------------------------------------------------------------------------------------------------------------ 1.667W
Package Thermal Resistance (Note 2)
WQFN-16L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 60°C/W
WQFN-16L 3x3,
θJC ------------------------------------------------------------------------------------------------------ 8.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(ACIN = USB = 5V, TA = 25
°C, unless otherwise specification)
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range, ACIN ------------------------------------------------------------------------------------ 4.5V to 12V
Supply Input Voltage Range, USB ------------------------------------------------------------------------------------- 4.1V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------------
−20°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−20°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input
ACIN UVP R ising Threshold Voltage VUV_ACIN
4.1
4.3
4.5
V
USB UVP Rising Threshold Voltage VUV_USB
VBATT = 3V
3.7
3.9
4.1
V
ACIN/U SB UVP H ysteresis
VUV_HYS
VBATT = 3V
40
100
140
mV
ACIN/U SB Standby Current
ISTBY
VBATT = 4.5V
--
300
500
uA
ACIN/U SB Shutdown Current
ISHDN
VEN = High
--
50
100
uA
BATT Sleep Leakage Current
ISLEEP
VACIN = 4V, VUSB = 4V,
VBATT = 4.5V
--
5
15
uA
Voltage Regulation
BATT Regulation Voltage
VREG
IBATT = 60mA
4.158
4.2
4.242
V
ACIN MOSFET Dropout
VBATT = 4V, ICHG = 1A
400
500
620
mV
ACIN MOSFET Dropout
VBATT = 4V, IUSB = High
500
650
800
mV
Current R egulation
ISETA Set Voltage
(Fast Charge Phase)
VISETA_FCHG
VBATT = 3.5V
2.43
2.48
2.53
V
Full Charge Setting Range
ICHG_AC
100
--
1000
mA
AC Charge C urrent Accuracy
ICHG_AC
VBATT = 3.8V, RISET = 1.5kΩ
--
500
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com