Electronic Components Datasheet Search
  English  ▼

X  

RT9503 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation RT9503 Datasheet HTML 10Page - Richtek Technology Corporation RT9503 Datasheet HTML 11Page - Richtek Technology Corporation RT9503 Datasheet HTML 12Page - Richtek Technology Corporation RT9503 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT9503
9
DS9503-03 April 2011
www.richtek.com
USB Power Off
Time (500us/Div)
VBATT
(5V/Div)
VSYS
(5V/Div)
VUSB
(5V/Div)
IUSB
(1A/Div)
ISYS = 500mA, ICharger = 500mA
ISETU Threshold Voltage vs. USB Voltage
0.0
0.4
0.8
1.2
1.6
2.0
4.5
4.8
5.1
5.4
5.7
6
6.3
6.6
USB Voltage (V)
VBATT = 3.8V
Rising
Falling
Regulation Voltage vs. Temperature
4.14
4.16
4.18
4.20
4.22
4.24
4.26
-25 -15
-5
5
1525354555
657585
Temperature
ACIN = 5V, ICharger = 500mA
(
°C)
ACIN Power Off
Time (500us/Div)
VBATT
(5V/Div)
VSYS
(5V/Div)
VIN
(5V/Div)
IACIN
(1A/Div)
ISYS = 500mA, ICharger = 500mA
USB Power On
Time (1ms/Div)
EN
(5V/Div)
VSYS
(5V/Div)
VUSB
(5V/Div)
IUSB
(1A/Div)
VBATT = 3.7V, ISYS = 500mA, ICharger = 500mA
ACIN Power On
Time (1ms/Div)
EN
(5V/Div)
VSYS
(5V/Div)
VACIN
(5V/Div)
IACIN
(1A/Div)
VBATT = 3.7V, ISYS = 500mA, ICharger = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com