Electronic Components Datasheet Search
  English  ▼

X  

SLD323XT Datasheet(PDF) 7 Page - Sony Corporation

Part # SLD323XT
Description  1W High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD323XT Datasheet(HTML) 7 Page - Sony Corporation

  SLD323XT Datasheet HTML 1Page - Sony Corporation SLD323XT Datasheet HTML 2Page - Sony Corporation SLD323XT Datasheet HTML 3Page - Sony Corporation SLD323XT Datasheet HTML 4Page - Sony Corporation SLD323XT Datasheet HTML 5Page - Sony Corporation SLD323XT Datasheet HTML 6Page - Sony Corporation SLD323XT Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
– 7 –
SLD323XT
Package Outline
Unit: mm
M – 273(LO – 10)
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
M-273(LO-10)
33.0 ± 0.05
Ø5.0
4 – R1.2 ± 0.3
Window
Glass
8 – Ø0.6
2.54
38.0 ± 0.5
19.0
LD Chip
28.0 ± 0.5
16.5 ± 0.1
Reference Plane
*
*Distance between pilot hole and emittng area
4 – Ø3.0
0
+ 0.05
PACKAGE WEIGHT
43g
Sony Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com