Electronic Components Datasheet Search
  English  ▼

X  

SLD323XT Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD323XT
Description  1W High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD323XT Datasheet(HTML) 1 Page - Sony Corporation

  SLD323XT Datasheet HTML 1Page - Sony Corporation SLD323XT Datasheet HTML 2Page - Sony Corporation SLD323XT Datasheet HTML 3Page - Sony Corporation SLD323XT Datasheet HTML 4Page - Sony Corporation SLD323XT Datasheet HTML 5Page - Sony Corporation SLD323XT Datasheet HTML 6Page - Sony Corporation SLD323XT Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1W High Power Laser Diode
Description
The SLD323XT is a high power, gain-guided laser diode produced
by MOCVD method∗1. Compared to the SLD300 Series, this laser
diode has a high brightness output with a doubled optical
density which can be achived by QW-SCH structure∗2.
Fine adjustment of the oscillation wavelength is possible by controlling
the temperature using the built-in TE cooler (Peltier element).
∗1 MOCVD: Metal Organic Chemical Vapor Deposition
∗2 QW-SCH: Quantum Well Separate Confinement Heterostructure
Features
• High power
Recommended optical power output: Po = 1.0W
• Low operating current: Iop = 1.4A (Po = 1.0W)
• Flat package with built-in photo diode, TE cooler, and thermistor
Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 1.0W, Tth = 25°C
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
Po
1.1
W
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature (Tth)
Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
– 1 –
E93208B02-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD323XT
12
TH
LD
TE Cooler
PD
P
N
3
4
56
78
18
Equivalent Circuit
No.
1
2
3
4
5
6
7
8
Function
TE cooler (negative)
Thermistor lead 1
Thermistor lead 2
Laser diode (anode)
Laser diode (cathode)
Photodiode (cathode)
Photodiode (anode)
TE cooler (positive)
Pin Configuration (Top View)
Warranty
This warranty period shall be 90 days after receipt of the product or
1,000 hours operation time whichever is shorter.
Sony Quality Assurance Department shall analyze any product that
fails during said warranty period, and if the analysis results show
that the product failed due to material or manufacturing defects on
the part of Sony, the product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull
distribution.
Special warranties are also available.


Similar Part No. - SLD323XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD3232VF SONY-SLD3232VF Datasheet
136Kb / 2P
Laser Diode
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
Violet Laser Diode
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
Violet Laser Diode
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
More results

Similar Description - SLD323XT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com