Electronic Components Datasheet Search
  English  ▼

X  

RT9526AGE Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9526A
8
DS9526A-01 April 2011
www.richtek.com
c. Battery Voltage Regulation (CV Mode)
The battery voltage regulation feedback is through the
BATT pin. The RT9526A monitors the battery voltage
between the BATT and GND pins. When battery voltage is
close to battery regulation voltage threshold, the voltage
regulation phase begins and the charging current begins
to taper down. When battery voltage is over battery
regulation voltage threshold and charge mode stops, the
RT9526A still monitors the battery voltage. Charge current
is resumed when the battery voltage falls under battery
regulation voltage threshold.
Sleep Mode
The RT9526A enters sleep mode if both AC and USB are
removed from the input. This feature prevents draining the
battery during the absence of input supply.
Power Good
This open-drain output pin is used to indicate the input
voltage status. The PGB output asserts low when
1. VIN > VPOR
2. VIN
−−−−− VBATT > VOS
3. VIN < VOVP
It can be used to drive an LED or communicate to the
host processor. Note that ON indicates the open-drain
transistor is turned on and LED is bright.
CHG_SB Indication
The CHG_SB pin is an open-drain output capable to at
least 10mA current when the charger starts to charge and
turns off when the EOC current is reached. The CHG_SB
signal is interfaced either with a micro processor GPIO or
an LED for indication.
End-Of-Charge Current (EOC)
Connect a resistor between the IMIN pin and GND to set
the EOC current. The EOC current level, IIMIN, is
programmable via the external resistor, RIMIN (k
Ω), as
shown in the following equation :
IMIN
IMIN
10935
I
=
R
(mA)
Upon reaching the End-Of-Charge (EOC) current, the
charger indicates charge completion via the CHG_SB pin,
but the charger continues to output 4.2V voltage. Figure
1 shows the typical charge profile and the EOC/reset
event. The CHG_SB signal asserts low when the trickle
charge starts and changes to high at EOC. After EOC is
reached, the charge current has to rise above 75% of
ICHG_FAST before the CHG_SB signal is allowed to turn on
again. A current surge after EOC may occur due to a load
connected to the battery.
Temperature Regulation and Thermal Protection
In order to maximize charge rate, the RT9526A features a
junction temperature regulation loop. If the power
dissipation of the IC results in junction temperature greater
than the thermal regulation threshold (115
°C), the RT9526A
will cut back on the charge current and disconnect the
battery in order to maintain thermal regulation at around
115
°C. This operation continues until the junction
temperature falls below thermal regulation threshold
(115
°C) by the hysteresis level. This feature prevents the
maximum power dissipation from exceeding typical design
conditions.
Selecting the Input and Output Capacitors
In most applications, a 1
μF high frequency decoupling
capacitor placed in close proximity to the input is sufficient.
However, depending on the power supply characteristics
and cable length, it may be necessary to add an additional
10
μF ceramic capacitor to the input. For the RT9526A, a
small output capacitor is required for loop stability. A 1
μF
ceramic capacitor placed between the BATT pin and GND
is typically sufficient.
Thermal Considerations
For recommended operating condition specifications of
the RT9526A, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WDFN-
8L 2x3 packages, the thermal resistance,
θJA, is 120°C/
W on a standard JEDEC 51-3 single-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com