Electronic Components Datasheet Search
  English  ▼

X  

RT9526AGE Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RT9526A
10
DS9526A-01 April 2011
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit design,
specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be guaranteed
by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
1.900
2.100
0.075
0.083
D2
1.550
1.650
0.061
0.065
E
2.900
3.100
0.114
0.122
E2
1.650
1.750
0.065
0.069
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 8L DFN 2x3 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com