Electronic Components Datasheet Search
  English  ▼

X  

BCY72 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BCY72
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY72 Datasheet(HTML) 3 Page - Comset Semiconductor

  BCY72 Datasheet HTML 1Page - Comset Semiconductor BCY72 Datasheet HTML 2Page - Comset Semiconductor BCY72 Datasheet HTML 3Page - Comset Semiconductor BCY72 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP BCY70 – BCY71 – BCY72
16/11/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
hfe
Small-Signal Current
Gain
IC = -1 mA, VC E= -10 V
f = 1kHz
BCY71
only
100
-
400
-
fT
Transition frequency
IC = -0.1 mA, VCE = -20 V
f = 10.7 MHz
BCY71
15
-
-
MHz
IC = -10 mA, VCE = -20 V
f = 100 MHz
BCY70
250
-
-
BCY71
200
-
-
BCY72
NF
Noise Figure
IC = -0.1 mA, VCE = -5 V
f = 10 to 10 kHz
Rg= 2 kΩ
BCY71
-
-
2
dB
BCY70
-
-
6
BCY72
td
Delay time
ICon = -10 mA
IBon = -IBoff = -1mA
VEE = 3 V
BCY70
-
-
35
ns
BCY72
tr
Rise time
BCY70
-
-
35
BCY72
ts
Storage time
BCY70
-
-
350
BCY72
tf
Fall time
BCY70
-
-
80
BCY72
ton
Turn on time
BCY70
-
-
65
BCY72
toff
Turn off time
BCY70
-
-
420
BCY72
CC
Collector-Base
capacitance
IE = 0 ,VCB = -10 V
f = 1MHz
BCY70
-
-
8
pF
BCY71
BCY72
CE
Emitter-Base
capacitance
IC = 0 ,VEB = -1 V
f = 1MHz
BCY70
-
-
8
pF
BCY71
BCY72



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com